Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYYYG6SF Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LYYYG6SF
Description  Enhanced optical Power LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYYYG6SF Datasheet(HTML) 4 Page - OSRAM GmbH

  LYYYG6SF Datasheet HTML 1Page - OSRAM GmbH LYYYG6SF Datasheet HTML 2Page - OSRAM GmbH LYYYG6SF Datasheet HTML 3Page - OSRAM GmbH LYYYG6SF Datasheet HTML 4Page - OSRAM GmbH LYYYG6SF Datasheet HTML 5Page - OSRAM GmbH LYYYG6SF Datasheet HTML 6Page - OSRAM GmbH LYYYG6SF Datasheet HTML 7Page - OSRAM GmbH LYYYG6SF Datasheet HTML 8Page - OSRAM GmbH LYYYG6SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2015-04-09
4
LYYY G6SF
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
IF = 50 mA
peak
594
nm
Dominantwellenlänge
6) Seite 17
(min.)
Dominant wavelength
6) page 17
(typ.)
IF = 50 mA
(max.)
dom
dom
dom
586*
589
592
nm
nm
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
IF = 50 mA

18
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
120
Grad
deg.
Durchlassspannung je Chip
7) Seite 17
(min.)
Forward voltage per chip
7) page 17
(typ.)
IF = 50 mA
(max.)
VF
VF
VF
2.05
2.15
2.65
V
V
V
Sperrstrom je Chip
(typ.)
Reverse current per chip
(max.)
VR = 5 V (blue / true green); 12 V (red)
IR
IR
0.2
10
A
A
Temperaturkoeffizient von
peak je Chip
(typ.)
Temperature coefficient of
peak per chip
IF = 50 mA; –10°C T 100°C
TCpeak
0.12
nm/K
Temperaturkoeffizient von
dom je Chip
(typ.)
Temperature coefficient of
dom per chip
IF = 50 mA; –10°C T 100°C
TCdom
0.10
nm/K
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
5) Seite 17
1 chip on (typ)
Junction/ambient
5) page 17
3 chips on (typ)
Sperrschicht/Lötpad
Junction/solder point
per chip (max)
Rth JA
Rth JA
Rth JS
340
600
180**
K/W
K/W
K/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5
**R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com