Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLF100-11/14 Datasheet(PDF) 1 Page - ebm-papst

Part # RLF100-11/14
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RLF100-11/14 Datasheet(HTML) 1 Page - ebm-papst

  RLF100-11/14 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
3
1
7
5
6
2
-
6
1
5
3
2
1
5
6
2
-
6
1
5
3
2
1
5
6
2
-
6
1
5
3
4
3
5
6
2
-
6
1
100
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Degree of protection: IP 54
Max.
80 m3/h
– Material:
Scroll housing: GRP1)
Impeller: GRP1)
Base plate: Sheet steel
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Connection:
via single wires AWG 22, TR 64
– Highlights:
Optional protective cap for
outlet opening
Backward-curved impeller
– Weight:
320 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RLF 100-11/12
64
37.7
12
8...15
6.4
8.0
5 100
-20...+75
80 000 / 30 000
135 000
¿
RLF 100-11/14
64
37.7
24
16...30
6.4
8.0
5 100
-20...+75
80 000 / 30 000
135 000
¿
RLF 100-11/18
64
37.7
48
36...60
6.4
8.6
5 100
-20...+75
80 000 / 30 000
135 000
¿
RLF 100-11/12/2 HP-200
80
47.1
12
10...13.2
7.5
18.6
6 400
-20...+60
72 500 / 45 000
122 500
¡
RLF 100-11/18/2 HP-182
80
47.1
48
43...53
7.5
17.0
6 400
-20...+70
72 500 / 35 000
122 500
¡
Subject to change
High speed models with open-collector tachometer and PWM speed control.
Tin-pla
ted
m3
c
V
V
B
/
W
r
°
H
H
DC centrifugal fans
 127 x 25 mm
Series RLF 100
Nominal data


Similar Part No. - RLF100-11/14

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100 EBMPAPST-RLF100 Datasheet
704Kb / 3P
DC axial fans
RLF100 EBMPAPST-RLF100 Datasheet
430Kb / 3P
DC axial fans
RLF100 EBMPAPST-RLF100 Datasheet
505Kb / 3P
DC axial fans
RLF100 EBMPAPST-RLF100 Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - RLF100-11/14

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com