Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL48-19/14ML Datasheet(PDF) 1 Page - ebm-papst

Part # RL48-19/14ML
Description  DC centrifugal fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RL48-19/14ML Datasheet(HTML) 1 Page - ebm-papst

  RL48-19/14ML Datasheet HTML 1Page - ebm-papst RL48-19/14ML Datasheet HTML 2Page - ebm-papst RL48-19/14ML Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
81
max.
28 m3/h
Nominal data
Type
m3/h
CFM
VDC
VDC
Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
RL 48-19/12 ML
22
12,9
12
8...15
5,3
2,9
3 500
-20...+70
70 000 / 35 000
140 000
1
RL 48-19/12
28
16,5
12
8...13,5
5,7
5,0
4 400
-20...+70
60 000 / 30 000
120 000
2
/2
RL 48-19/14 ML
22
12,9
24
18...28
5,3
2,9
3 500
-20...+70
70 000 / 35 000
140 000
1
RL 48-19/14
28
16,5
24
18...26,4
5,7
5,0
4 400
-20...+70
60 000 / 30 000
120 000
2
/2
Highlights:
– Pressure-optimised blower.
– Noise-optimised air outlet in scroll housing.
– Forward curved impeller.
General characteristics:
– Fibreglass-reinforced plastic scroll housing and impeller.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Direction of air flow: axial air intake, centrifugal air exhaust out of the outlet.
– Connection via single strands AWG 26, TR 64. Bared and tin-plated.
– Mass: 75 g.
DC centrifugal fans
Series RL 48
76 x 76 x 27 mm
0
3
6
9
12
15
5
1 0
25
15
75
100
125
20
50
25
1
2
m³/h
CFM
HHPP
NG
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:13 Seite 81


Similar Part No. - RL48-19/14ML

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RL48 EBMPAPST-RL48 Datasheet
704Kb / 3P
DC axial fans
RL48 EBMPAPST-RL48 Datasheet
430Kb / 3P
DC axial fans
RL48 EBMPAPST-RL48 Datasheet
505Kb / 3P
DC axial fans
RL48 EBMPAPST-RL48 Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - RL48-19/14ML

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com