Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RER120-26/18/2TDP Datasheet(PDF) 1 Page - ebm-papst

Part # RER120-26/18/2TDP
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER120-26/18/2TDP Datasheet(HTML) 1 Page - ebm-papst

  RER120-26/18/2TDP Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
Max.
390 m3/h
– Material:
Impeller: GRP1)
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
via single wires AWG 18, 20 or
AWG 22, TR 64. Speed signal
and control input AWG 22
– Highlights:
Highly efficient and smoothly
operating 3-phase fan drive
Backward-curved impeller
– Weight:
430 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RER 120-26/14/2 TDMP*
320
188
24
16...32
tbd
51
5 200
-20...+60
60 000 / 37 500
102 500
¿
RER 120-26/14/2 TDP
377
222
24
16...32
8.2
78
6 100
-20...+60
55 000 / 35 000
92 500
¡
RER 120-26/18/2 TDMP*
320
188
48
36...60
tbd
51
5 200
-20...+60
57 500 / 35 000
97 500
¿
RER 120-26/18/2 TDP
390
230
48
36...60
8.3
92
6 300
-20...+60
50 000 / 30 000
85 000
¬
Subject to change
* On request
The air flow and sound level of the centrifugal fans
without external housing depend on their individual
installation conditions.
The stated air flow and sound level were recorded under
the following measurement parameters:
Centrifugal fan mounted on a foundation plate
140 x 140 mm.
Cover plate 140 x 140 mm, with an air inlet opening
Ø 94.4 mm, arranged concentrically to the impeller.
Speed control range from 800 rpm-1 at 7% PWM up to nominal speed at > 90% PWM. Standstill at 0% PWM,
maximum speed if control cable is interrupted.
The specific service life is valid when an external capacitor is wired between the positive and negative wires.
Please note the wiring suggestion.
Tin-plated
112
Air performance measured according to: ISO 5801.
Installation category A, with ebm-papst inlet ring without
contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a distance of 2 m;
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
Inlet rings
from p. 252
DC centrifugal fans
Ø 120 x 54 mm
Series RER 120 TD
Nominal data


Similar Part No. - RER120-26/18/2TDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RER120-26-14-2TDMP ETC2-RER120-26-14-2TDMP Datasheet
255Kb / 1P
DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
RER120-26-14-2TDP ETC2-RER120-26-14-2TDP Datasheet
255Kb / 1P
DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
RER120-26-18-2TDMP ETC2-RER120-26-18-2TDMP Datasheet
255Kb / 1P
DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
RER120-26-18-2TDP ETC2-RER120-26-18-2TDP Datasheet
255Kb / 1P
DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
More results

Similar Description - RER120-26/18/2TDP

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com