Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST34C87 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST34C87
Description  QUAD RS-422 CMOS Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST34C87 Datasheet(HTML) 1 Page - Exar Corporation

  ST34C87 Datasheet HTML 1Page - Exar Corporation ST34C87 Datasheet HTML 2Page - Exar Corporation ST34C87 Datasheet HTML 3Page - Exar Corporation ST34C87 Datasheet HTML 4Page - Exar Corporation ST34C87 Datasheet HTML 5Page - Exar Corporation ST34C87 Datasheet HTML 6Page - Exar Corporation ST34C87 Datasheet HTML 7Page - Exar Corporation ST34C87 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST34C87
...the analog plus companyTM
QUAD RS-422 CMOS
Differential Line Driver
Rev. 1.01
E1991
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z FAX (510) 668-7017
1
June 1997-3
FEATURES
D Pin-to-Pin Compatible with National DS34C87
D Low Power CMOS Design
D Three-State Outputs with Enable Pin
D Meets the EIA RS-422 Requirements
D Low Propagation Delays
D High Speed
GENERAL DESCRIPTION
The ST34C87 is a CMOS quad differential line driver
designed to meet the standard RS-422 requirements and
digital data transmission over balanced lines. To improve
noise margin and output stability for slow changing input
signals, special hysteresis is built in the ST34C87 circuit.
The ST34C87 is a high speed CMOS line driver designed
to operate with MFM / RLL controllers and hard disk
drives as well as RS-422
digital data transmission
applications. ST34C87 is suitable for low power 5V
operation with high input voltage protection devices.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
ST34C87CP16
16 Lead 300 Mil PDIP
0
°C to +70°C
ST34C87CF16
16 Lead 150 Mil JEDEC SOIC
0
°C to +70°C
ST34C87IP16
16 Lead 300 Mil PDIP
-40
°C to +85°C
ST34C87IF16
16 Lead 150 Mil JEDEC SOIC
-40
°C to +85°C
Figure 1. Block Diagram
INPUT A
OUTPUTA+
OUTPUT A-
ENABLE A/B
OUTPUTB-
OUTPUTB+
INPUT B
INPUT D
OUTPUT D+
OUTPUT D-
OUTPUT C-
OUTPUT C+
INPUT C
ENABLE C/D


Similar Part No. - ST34C87

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST34C86 STMICROELECTRONICS-ST34C86 Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
ST34C86BD STMICROELECTRONICS-ST34C86BD Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
ST34C86BDR STMICROELECTRONICS-ST34C86BDR Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
ST34C86BN STMICROELECTRONICS-ST34C86BN Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
ST34C86BTR STMICROELECTRONICS-ST34C86BTR Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
More results

Similar Description - ST34C87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
Quad RS-422 Differential Line Driver Radiation Hardened
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com