Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM86312 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM86312
Description  1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM86312 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM86312 Datasheet HTML 2Page - STMicroelectronics STM86312 Datasheet HTML 3Page - STMicroelectronics STM86312 Datasheet HTML 4Page - STMicroelectronics STM86312 Datasheet HTML 5Page - STMicroelectronics STM86312 Datasheet HTML 6Page - STMicroelectronics STM86312 Datasheet HTML 7Page - STMicroelectronics STM86312 Datasheet HTML 8Page - STMicroelectronics STM86312 Datasheet HTML 9Page - STMicroelectronics STM86312 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STM86312
6/16
Figure 3: Key Matrix And Key-input Data Storage Ram
The key matrix is of 6 x 4 configuration, as shown below
The data of each key are stored as illustrated below, and are read by the appropriate read command,
starting from the least significant bit
LED PORT
Data are written to the LED port by a write command, starting from the least significant bit of the port.
When a bit of this port is 0, the corresponding LED lights; when the bit is 1, the LED goes off. The data of
bits 5 through 8 are ignored.
On power application, all the LEDs remain dark.
KEY1
KEY4 KEY1
KEY4
Seg1/KS1
Seg2/KS2
↓
Seg3/KS3
Seg4KS4
Seg5/KS5
Seg6/KS6
b0
b3 b4
b7
MSB
LSB
-
-
-
-
b3
b2
b1
b0
LED1
LED2
LED3
LED4
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com