Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA512
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512 Datasheet(HTML) 1 Page - STMicroelectronics

  STTA512 Datasheet HTML 1Page - STMicroelectronics STTA512 Datasheet HTML 2Page - STMicroelectronics STTA512 Datasheet HTML 3Page - STMicroelectronics STTA512 Datasheet HTML 4Page - STMicroelectronics STTA512 Datasheet HTML 5Page - STMicroelectronics STTA512 Datasheet HTML 6Page - STMicroelectronics STTA512 Datasheet HTML 7Page - STMicroelectronics STTA512 Datasheet HTML 8Page - STMicroelectronics STTA512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
TURBOSWITCH is a trademark of STMicroelectronics.
August 2003 - Ed: 5B
n
SPECIFIC TO THE FOLLOWING OPERATIONS:
SNUBBING OR CLAMPING,
DEMAGNETIZATION AND RECTIFICATION
n
ULTRA-FAST, SOFT RECOVERY.
n
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR.
n
HIGH FREQUENCY AND/OR HIGH PULSED
CURRENT OPERATION.
n
HIGH REVERSE VOLTAGE CAPABILITY
n
INSULATED PACKAGES:
ISOWATT220AC, TO-220FPAC
n
Electrical insulation : 2000V DC
Capacitance : 12pF.
FEATURES AND BENEFITS
TURBOSWITCH 1200V drastically cuts losses in
all high voltage operations which require extremely
fast, soft and noise-free power diodes. Due to their
optimized switching performances they also highly
decrease
power
losses
in
any
associated
switching IGBT or MOSFET in all “freewheel
mode” operations.
They are particularly suitable in motor control
circuitries, or in the primary of SMPS as snubber,
clamping or demagnetizing diodes. They are also
suitable for secondary of SMPS as high voltage
rectifier diodes.
DESCRIPTION
IF(AV)
5A
VRRM
1200V
trr (typ)
45ns
VF (max)
2.0V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
VRSM
Non repetitive peak reverse voltage
1200
V
IF(RMS)
RMS forward current
TO-220AC / DPAK
20
A
ISOWATT220AC /
TO-220FPAC
10
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
70
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
45
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values)
STTA512D/F/B/FP
®
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
K
K
A
TO-220AC
STTA512D
K
A
ISOWATT220AC
STTA512F
K
A
NC
DPAK
STTA512B
K
A
TO-220FPAC
STTA512FP


Similar Part No. - STTA512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA512B STMICROELECTRONICS-STTA512B Datasheet
95Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA512B-TR STMICROELECTRONICS-STTA512B-TR Datasheet
95Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA512D STMICROELECTRONICS-STTA512D Datasheet
95Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA512F STMICROELECTRONICS-STTA512F Datasheet
95Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
logo
Inchange Semiconductor ...
STTA512F ISC-STTA512F Datasheet
282Kb / 2P
Ultra fast Rectifier
More results

Similar Description - STTA512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com