Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA512B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA512B
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512B Datasheet(HTML) 3 Page - STMicroelectronics

  STTA512B Datasheet HTML 1Page - STMicroelectronics STTA512B Datasheet HTML 2Page - STMicroelectronics STTA512B Datasheet HTML 3Page - STMicroelectronics STTA512B Datasheet HTML 4Page - STMicroelectronics STTA512B Datasheet HTML 5Page - STMicroelectronics STTA512B Datasheet HTML 6Page - STMicroelectronics STTA512B Datasheet HTML 7Page - STMicroelectronics STTA512B Datasheet HTML 8Page - STMicroelectronics STTA512B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTA512D/F/B/FP
3/10
0
1
2
3456
0
1
2
3
4
5
6
7
8
9
10
11
12
13
IF(av) (A)
P1(W)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 1: Conduction losses versus average current.
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.01
0.10
1.00
10.00
100.00
VFM(A)
IFM(A)
Tj=125°C
Fig. 2: Forward voltage drop versus forward
current (maximum values).
0
100
200
300
400
500
0
10
20
30
40
dIF/dt(A/µs)
IRM(A)
VR=600V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
Fig. 3:
Peak reverse recovery current versus
dIF/dt (90% confidence).
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
trr(ns)
VR=600V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
dIF/dt(A/µs)
Fig. 6: Reverse recovery time versus dIF/dt (90%
confidence).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4:
Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AC
and DPAK).
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
tp(s)
Zth(j-c)/Rth(j-c)
Fig. 5: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(ISOWATT220AC and TO-220FPAC).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com