Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA512FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA512FP
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512FP Datasheet(HTML) 4 Page - STMicroelectronics

  STTA512FP Datasheet HTML 1Page - STMicroelectronics STTA512FP Datasheet HTML 2Page - STMicroelectronics STTA512FP Datasheet HTML 3Page - STMicroelectronics STTA512FP Datasheet HTML 4Page - STMicroelectronics STTA512FP Datasheet HTML 5Page - STMicroelectronics STTA512FP Datasheet HTML 6Page - STMicroelectronics STTA512FP Datasheet HTML 7Page - STMicroelectronics STTA512FP Datasheet HTML 8Page - STMicroelectronics STTA512FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STTA512D/F/B/FP
4/10
0
100
200
300
400
500
0.60
0.80
1.00
1.20
1.40
S factor
VR=600V
Tj=125°C
IF<2*IF(av)
dIF/dt(A/µs)
Fig. 7: Softness factor (tb/ta) versus dIF/dt (typical
values).
25
50
75
100
125
0.7
0.8
0.9
1.0
1.1
Tj(°C)
IRM
S factor
Fig. 8: Relative variation of dynamic parameters
versus junction temperature (reference Tj=125°C).
0
100
200
300
400
500
0
10
20
30
40
50
60
70
dIF/dt(A/µs)
VFP(V)
IF=IF(av)
Tj=125°C
Fig. 9:
Transient peak forward voltage versus
dIF/dt (90% confidence).
0
100
200
300
400
500
100
200
300
400
500
tfr(ns)
VFR=1.1*VF max.
IF=IF(av)
Tj=125°C
dIF/dt(A/µs)
Fig. 10: Forward recovery time versus dIF/dt (90%
confidence).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com