Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW656P Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW656P
Description  USB Power Delivery 3.0 Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656P Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW656P Datasheet HTML 1Page - Dialog Semiconductor IW656P Datasheet HTML 2Page - Dialog Semiconductor IW656P Datasheet HTML 3Page - Dialog Semiconductor IW656P Datasheet HTML 4Page - Dialog Semiconductor IW656P Datasheet HTML 5Page - Dialog Semiconductor IW656P Datasheet HTML 6Page - Dialog Semiconductor IW656P Datasheet HTML 7Page - Dialog Semiconductor IW656P Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iW656P
USB Power Delivery 3.0 Controller
Supports Qualcomm Quick Charge 4+
Rev. 0.2 Preliminary
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 8
08-Dec-2017
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded.
5 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
VCC voltage
VCC
-0.3 to 30
V
DIS voltage
VDIS
-0.3 to 30
V
DRV voltage
VDRV
-0.3 to 30
V
VSD voltage
VSD
-0.3 to 7
V
D- voltage
VD-
-0.3 to 7
V
D+ voltage
VD+
-0.3 to 7
V
CC1 voltage
VCC1
-0.3 to 30
V
CC2 voltage
VCC2
-0.3 to 30
V
VBUS voltage (IVBUS < 10mA)
VBUS
-0.7 to 30
V
VBUS_G voltage
VBUS_G
-0.7 to 35
V
DET voltage
VDET
-0.7 to 30
V
Peak current at DIS pin (VDIS= 12V)
IDIS
600
mA
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
ESD rating per JEDEC JESD22-A114 (D+, D-, CC1, CC2)
±8,000
V
ESD rating per JEDEC JESD22-A114 (all other pins)
±2,000
V
Notes:
Note 1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specification are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com