Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW657P Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW657P
Description  USB Power Delivery 3.0 Controller with Integrated Current Sense
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW657P Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW657P Datasheet HTML 1Page - Dialog Semiconductor IW657P Datasheet HTML 2Page - Dialog Semiconductor IW657P Datasheet HTML 3Page - Dialog Semiconductor IW657P Datasheet HTML 4Page - Dialog Semiconductor IW657P Datasheet HTML 5Page - Dialog Semiconductor IW657P Datasheet HTML 6Page - Dialog Semiconductor IW657P Datasheet HTML 7Page - Dialog Semiconductor IW657P Datasheet HTML 8Page - Dialog Semiconductor IW657P Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iW657P
USB Power Delivery 3.0 Controller with Integrated Current Sense
Supports Qualcomm Quick Charge 4+
Rev. 0.4 Preliminary
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 9
08-Dec-2017
4 Pinout Description
Figure 4.1 : 14-Lead TDFN 4x3mm Package
(Top View, Transparent)
iW657P
1
2
3
4
11
DIS
DRV
V
CC
GND
D-
D+
5
6
7
10
9
8
SD
CC2
V
BUS_G
CC1
DET
IS-
14
12
13
IS+
V
BUS
Pin Number
DFN-14
Pin Name
Type
Pin Description
1
DIS
Analog Output
Discharging circuit. Used for fast discharging of output capacitor.
2
DRV
Analog Output
External circuit drive. Can be used to drive optocoupler LED with
automatic current limiting for transmitting signals to primary side.
3
VCC
Power Supply
IC power supply.
4
DET
Analog Input
AC unplug detect.
5
VBUS
Analog Input/
Output
Monitor VBUS voltage after N-FET switch.
6
VBUS_G
Analog Input/
Output
Connect to external N-FET gate pin for gate-source voltage control.
7
CC2
Analog Input/
Output
Configuration Channel 2.
8
CC1
Analog Input/
Output
Configuration Channel 1.
9
IS-
Analog Input
Output current sensing terminal - (for current sensing resistor).
10
IS+
Analog Input
Output current sensing terminal + (for current sensing resistor).
11
SD
Analog Input/
Output
Connect to an external NTC resistor to measure the power adapter
temperature.
12
D-
Analog Input/
Output
USB D- signal.
13
GND
Ground
Ground.
14
D+
Analog Input/
Output
USB D+ signal.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com