Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1601 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1601
Description  Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1601 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1601 Datasheet HTML 1Page - Dialog Semiconductor IW1601 Datasheet HTML 2Page - Dialog Semiconductor IW1601 Datasheet HTML 3Page - Dialog Semiconductor IW1601 Datasheet HTML 4Page - Dialog Semiconductor IW1601 Datasheet HTML 5Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
iW1601 Product Summary
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
Rev. 0.3 Preliminary
iW1601
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 5
6.0 Physical Dimensions
7.0 Ordering Information
Part Number
Options
Package
Description
iW1601-00
No latch, 2.8V CC shutdown voltage, smart hiccup
with 2/8 duty cycle
SOIC-7
Tape & Reel1
iW1601-01
OVP latch, CC shutdown and latch, 3.5V CC shutdown voltage,
no smart hiccup
SOIC-7
Tape & Reel1
iW1601-02
OVP latch, “no CC” operation and latch, no smart hiccup
SOIC-7
Tape & Reel1
iW1601-03
No latch, 3.0V CC shutdown voltage, no smart hiccup
SOIC-7
Tape & Reel1
Note 1: Tape & Reel packing quantity is 2,500/reel. Minimum ordering quantity is 2,500.
Compliant to JEDEC Standard MS12F
Controlling dimensions are in inches; millimeter dimensions are for reference only
This product is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D Moisture Sensitivity Level TBD
[b] Package exceeds JEDEC Std No. 22-A111 for Solder Immersion Resistance; package can withstand
10 s immersion < 260˚C
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or
protrusion shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the
outermost extremes of the plastic bocy exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
7-Lead Small Outline (SOIC) Package
COPLANARITY
0.10 (0.004)
8
5
4
1
SEATING
PLANE
A1
E
H
B
D
e
A
C
L
α
h x 45°
Inches
Millimeters
MIN
0.004
A1
MAX
MIN
MAX
0.0098
0.10
0.25
A
0.069
1.75
0.0123
B
0.0200
0.31
0.51
0.0075
C
0.0098
0.19
0.25
0.189
D
0.1970
4.80
5.00
0.1495
E
0.1575
3.80
4.00
0.05 BSC
e
1.27 BSC
0.2284
H
0.244
5.80
6.20
h
0.0158
L
0.050
0.40
1.27
α
8°
0°
0.0098 BSC
0.25 BSC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com