Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1679 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1679
Description  Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1679 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1679 Datasheet HTML 1Page - Dialog Semiconductor IW1679 Datasheet HTML 2Page - Dialog Semiconductor IW1679 Datasheet HTML 3Page - Dialog Semiconductor IW1679 Datasheet HTML 4Page - Dialog Semiconductor IW1679 Datasheet HTML 5Page - Dialog Semiconductor IW1679 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW1679
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
Rev. 1.1
4 of 6
Datasheet
www.dialog-semiconductor.com
© 2017 Dialog Semiconductor
24-January-2017
5 Absolute Maximum Ratings
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.
Parameter
Symbol
Value
Units
DC supply voltage range (pin 8, ICC = 20mA max)
VCC
-0.3 to 25.0
V
Continuous DC supply current at VCC pin (VCC = 15V)
ICC
25
mA
ASU output (pin 7)
-0.3 to 19.0
V
Output (pin 4)
-0.3 to 4.0
V
VSENSE input (pin 6, IVsense ≤ 10mA)
-0.7 to 4.0
V
ISENSE input (pin 5)
-0.3 to 4.0
V
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal resistance junction-to-ambient
θJA
135
°C/W
ESD rating per JEDEC JESD22-A114
±2,000
V
Latch-up test per JESD78D
±100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com