Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB101 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB101
Description  10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB101 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB101 Datasheet HTML 1Page - Micro Commercial Components MB101 Datasheet HTML 2Page - Micro Commercial Components MB101 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB1005
THRU
MB1010
10 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
BR-6
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.578
.618
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.10
---
D
.405
.444
10.30
11.30
2PL
E
.038
.042
0.97
1.07
4PL/TYP
G
.145
---
3.70
---
∅
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB1005
MB1005
50V
35V
50V
MB101
MB101
100V
70V
100V
MB102
MB102
200V
140V
200V
MB104
MB104
400V
280V
400V
MB106
MB106
600V
420V
600V
MB108
MB108
800V
560V
800V
MB1010
MB1010
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
Tc =
50°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 5.0A per
element;
TJ = 25
°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
1.0mA
TJ = 25
°C
TJ = 100
°C
B
C
E
D
A
AC
+
-
A
AC
G
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/03/13
•
Mounting Hole For #6 Screw
•
Any Mounting Position
•
Surge Rating Of 150 Amps
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
•
UL Recognized File # E165989
Moisture Sensitivity Level 1
Maximum Thermal Resistance: 5
oC/W Junction to case
Maximum Mounting Torque: 4.5 in-lbs.


Similar Part No. - MB101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
MB101 CHENG-YI-MB101 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
New Jersey Semi-Conduct...
MB101 NJSEMI-MB101 Datasheet
105Kb / 2P
High Currant Bridge Rectifier
logo
Micro Commercial Compon...
MB101-BP MCC-MB101-BP Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC1000S MCC-KBPC1000S Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001 Datasheet
78Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU1001 KISEMICONDUCTOR-KBU1001 Datasheet
69Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
BR1005 MCC-BR1005 Datasheet
252Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1005 MCC-MP1005 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001_16 Datasheet
256Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com