Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB254
Description  25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB254 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB254 Datasheet HTML 1Page - Micro Commercial Components MB254 Datasheet HTML 2Page - Micro Commercial Components MB254 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB2505
THRU
MB2510
25 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35
Features
•
Mounting Hole For #10 Screw
•
High Conductivity Metal Case
•
Any Mounting Position
•
Surge Rating Of
300 Amps
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB2505
MB2505
50V
35V
50V
MB251
MB251
100V
70V
100V
MB252
MB252
200V
140V
200V
MB254
MB254
400V
280V
400V
MB256
MB256
600V
420V
600V
MB258
MB258
800V
560V
800V
MB2510
MB2510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.
1V
IFM = 12.5A per
element;
TJ = 25
°C
Maximum DC
Reverse
Current At Rated DC
Blocking Voltage
IR
10µA
TJ = 25
°C
B
C
E
AC
+
-
A
AC
G
H
A
D
J
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.110
1.135
28.
20
28.83
B
.
425
.447
10.8
0
11.35
C
.
421
.4
80
10.7
0
1
2.20
D
.6
73
.
751
17.
10
1
9.10
E
.6
02
.6
81
15.
30
1
7.30
G
.
193
---
4.90
---
∅
H
.6
02
.6
81
15.
30
1
7.30
J
.5
19
.5
98
13.
20
1
5.20
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: D
2016/04/01
www.mccsemi.com
1 of 3
Maximum Ratings
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989
Mounting Torgue: 20 in-lbs Maximum
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Thermal Resistance
RthJC
1.4oC/W
Current Squared
Time
I2
t
373.5Α2
S 1ms<t<8.3ms
Micro Commercial Components
M C C
R


Similar Part No. - MB254

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB254 RECTRON-MB254 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Bytes
MB254 BYTES-MB254 Datasheet
157Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB254 DCCOM-MB254 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB254 FORMOSA-MB254 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB254 MCC-MB254 Datasheet
83Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB254

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC2500S MCC-KBPC2500S Datasheet
87Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505 MCC-MB2505 Datasheet
83Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505W MCC-MB2505W Datasheet
149Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505W MCC-MB2505W_13 Datasheet
281Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505_13 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505W MCC-MP2505W Datasheet
169Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com