Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB501 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB501
Description  50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB501 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB501 Datasheet HTML 1Page - Micro Commercial Components MB501 Datasheet HTML 2Page - Micro Commercial Components MB501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB5005
THRU
MB5010
50 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35
DIMENSIONS
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB5005
MB5005
50V
35V
50V
MB501
MB501
100V
70V
100V
MB502
MB502
200V
140V
200V
MB504
MB504
400V
280V
400V
MB506
MB506
600V
420V
600V
MB508
MB508
800V
560V
800V
MB5010
MB5010
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 25A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25
°C
TJ = 125
°C
B
C
E
AC
+
-
A
AC
G
H
A
D
J
INCHES
MM
DIM
MIN
MA
MIN
MA
NOTE
A
1.115
1.135
28.33
28.83
B
.427
.447
10.85
11.35
C
.428
.4
80
10.87
1
2.20
D
.688
.730
17.48
18.50
E
.618
.658
15.70
16.71
G
.193
---
4.90
---
∅
H
.618
.658
15.70
16.71
J
.530
.570
13.46
14.48
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: C
2016/04/01
Typical Thermal
Resistance Junction
to Case (Note 1)
1.5K/W
RJC
Per
element
*
www.mccsemi.com
1 of 3
•
Surge Rating Of 400 Amps
•
Mounting Hole For #8 Screw
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Thermal resistance junction to case mounted on heatsink.
•
UL Recognized File # E165989
•
Case to Terminal Isolation Voltage 2500V (RMS)
•
High Conductivity Metal Case
•
Any Mounting Position
Maximum Ratings
Mounting Torgue: 20 in-lbs Maximum
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Features
Micro Commercial Components
M C C
R


Similar Part No. - MB501

ManufacturerPart #DatasheetDescription
logo
Dc Components
MB501 DCCOM-MB501 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB501 MCC-MB501 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB501 TAITRON-MB501 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
SHENZHEN YONGERJIA INDU...
MB501 WINNERJOIN-MB501 Datasheet
122Kb / 1P
SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
MB501 NJSEMI-MB501 Datasheet
105Kb / 2P
High Currant Bridge Rectifier
More results

Similar Description - MB501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU801 KISEMICONDUCTOR-KBU801 Datasheet
733Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M KISEMICONDUCTOR-W005M Datasheet
581Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com