Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP102 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP102
Description  10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP102 Datasheet(HTML) 1 Page - Micro Commercial Components

  MP102 Datasheet HTML 1Page - Micro Commercial Components MP102 Datasheet HTML 2Page - Micro Commercial Components MP102 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP1005
THRU
MP1010
10 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
•
Low Forward Voltage Drop
•
Plastic Case
•
Any Mounting Position
•
Surge Rating Of 150 Amps
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP1005
MP1005
50V
35V
50V
MP101
MP101
100V
70V
100V
MP102
MP102
200V
140V
200V
MP104
MP104
400V
280V
400V
MP106
MP106
600V
420V
600V
MP108
MP108
800V
560V
800V
MP1010
MP1010
1000v
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 5A per
element;
TJ = 25
°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
2mA
TJ = 25
°C
TJ = 100
°C
PB-6
B
C
E
D
A
AC
+
-
A
AC
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.578
.619
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.752
---
19.10
---
D
.405
.445
10.29
11.31
2PL
E
.038
.042
0.97
1.07
4PL/TYP
G
.145
---
3.70
---
∅
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 5
2008/01/30
TM
Micro Commercial Components
Maximum Ratings
•
UL Recognized File # E165989
•
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
www.mccsemi.com
1 of 3


Similar Part No. - MP102

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP1021 ZFSWITCHES-MP1021 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
MP102101 ZFSWITCHES-MP102101 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
MP102102 ZFSWITCHES-MP102102 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
MP102103 ZFSWITCHES-MP102103 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
MP102104 ZFSWITCHES-MP102104 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
More results

Similar Description - MP102

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC1000S MCC-KBPC1000S Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001 Datasheet
78Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU1001 KISEMICONDUCTOR-KBU1001 Datasheet
69Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
BR1005 MCC-BR1005 Datasheet
252Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_11 Datasheet
171Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001_16 Datasheet
256Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com