Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP351 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP351
Description  35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP351 Datasheet(HTML) 1 Page - Micro Commercial Components

  MP351 Datasheet HTML 1Page - Micro Commercial Components MP351 Datasheet HTML 2Page - Micro Commercial Components MP351 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP3505
THRU
MP3510
35 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MP-50
DIMENSIONS
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP3505
MP3505
50V
35V
50V
MP351
MP351
100V
70V
100V
MP352
MP352
200V
140V
200V
MP354
MP354
400V
280V
400V
MP356
MP356
600V
420V
600V
MP358
MP358
800V
560V
800V
MP3510
MP3510
1000v
700V
1000v
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 17.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µATJ = 25°C
TJ = 125
°C
500
µA
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.110
1.130
28.20
28.70
B
.425
.442
10.80
11.23
C
.468
.558
11.89
14.17
D
.689
.728
17.50
18.50
E
.618
.657
15.70
16.70
G
.193
---
4.90
---
∅
H
.618
.657
15.70
16.70
J
.531
.571
13.50
14.50
I t Rating for Fusing
t<8.3mS
It
660
AS
2
2
2
Typical Themal
Resistance Junction
to case(per element)
R thjc
3.0
K/W
Revision:
D
20
15/07/01
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
www.mccsemi.com
1 of 3
E
G
J
A
B
C
AC
+
-
AC
D
H
A
Features
•
Mounting Hole For #8 Screw
•
Plastic Case With Metal Bottom
•
Any Mounting Position
•
Surge Rating Of 400 Amps
 
20736 Marilla Street

 !"#
$%    !"#
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Maximum Ratings
•
UL Recognized File # E165989
Mounting Torgue: 20 in-lbs Maximum
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Micro Commercial Components
M C C
TM


Similar Part No. - MP351

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP351 RECTRON-MP351 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Micro Commercial Compon...
MP351 MCC-MP351 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP351 LRC-MP351 Datasheet
211Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP351 SHUNYE-MP351 Datasheet
198Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Rectron Semiconductor
MP3510 RECTRON-MP3510 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
More results

Similar Description - MP351

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505-BC01 MCC-MB3505-BC01 Datasheet
42Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505 MCC-MB3505 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505W MCC-MB3505W Datasheet
78Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
MB3505 MCC-MB3505_16 Datasheet
300Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505W MCC-MP3505W_13 Datasheet
199Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com