Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP501 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MP501
Description  50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP501 Datasheet(HTML) 2 Page - Micro Commercial Components

  MP501 Datasheet HTML 1Page - Micro Commercial Components MP501 Datasheet HTML 2Page - Micro Commercial Components MP501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MP5005 thru MP5010
Figure 3
Forward Derating Curve
25
50
100
150
175
0
0
10
20
30
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°
C
Average Forward Rectified Current - Amperes versus
Ambient Temperature - °C
75
40
50
60
Figure 1
Typical Forward Characteristics
Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
40
60
100
1.4
Figure 2
Typical Reverse Characteristics
Volts
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
.4
.6
2
1
µ
Amps
20
120
40
60
80
100
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
TJ=25°C
1
100
4
0
100
200
300
8
Figure 4
Peak Forward Surge Current
Amps
Cycles
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
2
6
10 20
60 80
40
400
500
600
Micro Commercial Components
M C C
R
Revision: D
2016/07/18
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com