Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1702 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1702
Description  Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1702 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1702 Datasheet HTML 1Page - Dialog Semiconductor IW1702 Datasheet HTML 2Page - Dialog Semiconductor IW1702 Datasheet HTML 3Page - Dialog Semiconductor IW1702 Datasheet HTML 4Page - Dialog Semiconductor IW1702 Datasheet HTML 5Page - Dialog Semiconductor IW1702 Datasheet HTML 6Page - Dialog Semiconductor IW1702 Datasheet HTML 7Page - Dialog Semiconductor IW1702 Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iW1702
Offline Digital Quasi-Resonant PWM Controller Optimized
for 9V+ Applications with Option for Input OVP
Rev. 1.4
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 8
24-Oct-2017
4 Pinout Description
Pin Number
Pin Name
Type
Pin Description
1
VCC
Power Input
IC power supply.
2
VSENSE
Analog Input
Auxiliary voltage sense. It is used for primary-side regulation and detection of
secondary-side load transient signal.
3
CFG
Analog Input
In iW1702-0x/0xB and iW1702-3x/3xB options, it is used for external cable
drop compensation (CDC) configuration and supplemental output over-volt-
age protection (OVP). In iW1702-1x/1xB options, it is dedicated to input OVP.
4
CS/FS
Analog Input
Primary-side current sense and minimum switching frequency configuration.
It is used for cycle-by-cycle peak-current control and limit in primary-side CV/
CC regulation. It is also used for minimum switching frequency configuration.
5
GND
Ground
Ground.
6
OUTPUT
Output
Gate drive for the external MOSFET switch.
Figure 4.1 : 6-Lead SOT23 Package
iW1702
VCC
VSENSE
CFG
OUTPUT
GND
CS/FS
1
2
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com