Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1815 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1815
Description  Off-Line Digital Green-Mode PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1815 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1815 Datasheet HTML 1Page - Dialog Semiconductor IW1815 Datasheet HTML 2Page - Dialog Semiconductor IW1815 Datasheet HTML 3Page - Dialog Semiconductor IW1815 Datasheet HTML 4Page - Dialog Semiconductor IW1815 Datasheet HTML 5Page - Dialog Semiconductor IW1815 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW1815 Product Summary
Off-Line Digital Green-Mode PWM Controller
Integrated with Power BJT
Rev. 0.1 Preliminary
iW1815
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 6
Parameter
Symbol
Value
Units
DC supply voltage range (pin 2, ICC = 20mA max)
VCC
-0.3 to 18
V
Continuous DC supply current at VCC pin (VCC = 15V)
ICC
20
mA
VSENSE input (pin 8, IVsense ≤ 10mA)
-0.7 to 4.0
V
ISENSE input (pin 6)
-0.3 to 4.0
V
ESD rating per JEDEC
HBM
2000
V
MM
200
CDM
1000
Latch-up test per JESD78A
±100
mA
Collector-Emitter breakdown voltage
(Emitter and base shorted together; IC = 1mA, REB = 0Ω)
VCES
800
V
Collector current1
IC
1.5
A
Collector peak current1 (tp < 1ms)
ICM
3
A
Maximum junction temperature
TJMAX
150
°C
Storage temperature
TSTG
-55 to 150
°C
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to iW1815 datasheet in Section 7.0. (TA = 25°C, unless otherwise noted). Proper
design precautions must be made to ensure that the internal die junction temperature of the iW1815 does not exceed 150°C.
Otherwise permanent damage to the device may occur.
5.0 Absolute Maximum Ratings
6.0 Thermal Characteristics
Parameter
Symbol
Value
Units
Thermal Resistance Junction-to-Ambient1 (Dissipated power 0.9W)
θJA
103
°C/W
Thermal Resistance Junction-to-GND pin (pin 7)2
(Dissipated power 0.9W)
ψJB
26
°C/W
Thermal Resistance Junction-to-Collector pin (pin 4)2
(Dissipated power 0.9W)
ψJ-BJT
13
°C/W
Thermal Shutdown Threshold3
TSD
150
°C
Thermal Shutdown Recovery3
TSD-R
100
°C
Notes:
1. θJA is measured in a one-cubic-foot natural convection chamber.
2. ψJB [Psi Junction to Board] provides an estimation of the die junction temperature relative to the PCB [Board] surface
temperature. ψJ-BJT [Psi Junction to Collector pin] provides an estimation of the die junction temperature relative
to the collector pin [internal BJT Collector] surface temperature. ψJB is measured at the ground pin (pin 7) without
using any thermal adhesives. See Section 10.14 for more information.
3. These parameters are typical and they are guaranteed by design.
Notes:
Note 1. Limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com