Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW3605 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3605
Description  AC/DC Digital Power Controller for Bleederless
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3605 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3605 Datasheet HTML 1Page - Dialog Semiconductor IW3605 Datasheet HTML 2Page - Dialog Semiconductor IW3605 Datasheet HTML 3Page - Dialog Semiconductor IW3605 Datasheet HTML 4Page - Dialog Semiconductor IW3605 Datasheet HTML 5Page - Dialog Semiconductor IW3605 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW3605
AC/DC Digital Power Controller for Bleederless
Single-Stage High Power Factor Dimmable LED Drivers
Rev. 1.0
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 6
27-June-2017
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded.
5 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
DC supply voltage range (pin 8)
VCC
-0.3 to 18
V
OUTPUT (pin 6)
-0.3 to VCC
V
SNB output (pin 1)
-0.3 to VCC
V
VSENSE input (pin 4, I ≤ 10mA)
-0.7 to 4.0
V
VIN input (pin 2)
-0.3 to 18
V
ISENSE input (pin 5)
-0.3 to 4.0
V
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal Resistance Junction-to-Ambient [Still Air]
θJA
160
°C/W
ESD rating per JEDEC JESD22-A114
±2,000
V
Latch-up test
100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com