Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB2PD-63 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZB2PD-63
Description  Power Splitter/Combiner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB2PD-63 Datasheet(HTML) 2 Page - Mini-Circuits

  ZB2PD-63 Datasheet HTML 1Page - Mini-Circuits ZB2PD-63 Datasheet HTML 2Page - Mini-Circuits ZB2PD-63 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
2 Way-0°
50Ω
30W
600 to 6000 MHz
Power Splitter/Combiner
Maximum Ratings
Operating Temperature(@<30W) -55°C to 60°C
Operating Temperature(@<10W) -55°C to 100°C
Storage Temperature
-55°C to 100°C
DC Current
400 mA (200mA for each port)
Outline Drawing
Outline Dimensions (
)
inch
mm
Features
• low insertion loss, 0.8 dB typ.
• wideband, 600 to 6000 MHz
• excellent amplitude unbalance, 0.15 dB typ.
• excellent phase unbalance, 2 deg. typ.
• up to 30W power input as splitter
• rugged shielded case
Applications
• UHF TV
• cellular/ISM/SMG/GSM
• satellite distribution
• GPS/L BAND (MARSAT)
• PCS/DCS/UMTS
• MMDC
• SATCOM
• Instrumentation
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
Electrical Specifications at 25°C
Electrical Schematic
REV. D
M153965
ZN2PD-63+
ED-13332A
AD/CP/AM
151125
ZB2PD-63+
CASE STYLE: JJJ1457
Connectors Model
N-Type
ZB2PD-63-N+
SMA
ZB2PD-63-S+
A
BC
D
E
F
1.99
5.26
.95
1.00
.51
.83
50.55 133.60 24.13 25.40 12.95 21.08
GH
J
K
L
wt
.13 5.010
.13 1.740
.125 grams
3.30 127.25
3.30 44.20
3.18
350.0
Permanent damage may occur if any of these limits are exceeded.
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency
600
6000
MHz
Insertion Loss
(above theoretical 3.0 dB)
600-1600
—
0.3
0.5
dB
1600-2700
—
0.4
0.6
2700-3600
—
0.5
0.8
3600-6000
—
0.9
1.2
Isolation
600-1600
16
19
—
dB
1600-2700
16
19
—
2700-3600
17
21
—
3600-6000
12
15
—
Phase Unbalance
600-1600
—
1.5
4
Degree
1600-2700
—
2.4
5
2700-3600
—
2.6
7
3600-6000
—
4.6
9
Amplitude Unbalance
600-1600
—
0.1
0.2
dB
1600-2700
—
0.1
0.2
2700-3600
—
0.1
0.3
3600-6000
—
0.2
0.4
VSWR (Port S)
600-1600
—
1.33
—
:1
1600-2700
—
1.38
—
2700-3600
—
1.48
—
3600-6000
—
1.72
—
VSWR (Port 1-2)
600-1600
—
1.23
—
:1
1600-2700
—
1.26
—
2700-3600
—
1.48
—
3600-6000
—
1.53
—
Power Handling3
As Splitter1
600-3600
—
—
30
W
3600-6000
—
—
20
As Combiner2
600-3600
—
—
1.0
High Power, DC Pass
DC Through
RF+DC
RF+DC
RF+DC
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
(N-Type Shown)
1. All outputs must terminate 50 ohm (VSWR 1.5:1 or better)
2. As a combiner of non-coherent signals, max. power per port is 1.0 watt power rating divided by number of ports.
3. Alternative heat sinking and heat removal must be provided by the user to limit maximum base-plate temperature to 60°C, in order to
ensure proper performance. For reference, this requires thermal resistance of user's external heat sink to be 10°C/W.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com