Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB3PD-63SMP Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZB3PD-63SMP
Description  Power Splitter/Combiner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB3PD-63SMP Datasheet(HTML) 2 Page - Mini-Circuits

  ZB3PD-63SMP Datasheet HTML 1Page - Mini-Circuits ZB3PD-63SMP Datasheet HTML 2Page - Mini-Circuits ZB3PD-63SMP Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
5W max.
Internal Dissipation
1.8W max.
DC Current 750 mA (250 mA for each port)
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
Features
• Ultra-thin package
• Snap-on blind mate SMP connectors
• Wideband, 150 to 6000 MHz
• Low insertion loss, 1 dB typ.
• Good isolation, 20 dB typ.
• Good amplitude unbalance, 0.5 dB typ.
Permanent damage may occur if any of these limits are exceeded.
A
B
C
D
E
F
G
2.99
5.67
.43
.13
2.73
_
.125
75.95 144.02 10.92
3.30 69.34
_
3.18
H
J
K
L
M
wt
1.495
.205
.75
0.58
4.5
grams
37.97
5.21 19.05 14.732 114.3
260
Electrical Schematic
REV. C
M155266
ZB3PD-63SMP+
WP/CP/AM
160314
ZB3PD-63SMP+
CASE STYLE: UU1332-1
DC Through
RF+DC
RF+DC
RF+DC
RF+DC
Electrical Specifications at 25°C
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
150
6000
MHz
Insertion Loss Above 4.8 dB
150 - 600
—
1.0
1.5
dB
600 - 5000
—
1.2
1.8
5000 - 6000
—
1.4
1.9
Isolation
150 - 600
8
12
—
dB
600 - 5000
16
20
—
5000 - 6000
13
15
—
Phase Unbalance
150-600
—
1
3
Degree
600 - 5000
—
4
9
5000-6000
—
5
9
Amplitude Unbalance
150-600
—
0.3
0.7
dB
600 - 5000
—
0.4
0.8
5000 - 6000
—
0.5
0.9
VSWR (Port S)
150 - 600
—
2.0
2.8
:1
600 - 6000
—
1.4
2.0
VSWR (Port 1-2)
150 - 600
—
1.6
2.0
:1
600 - 6000
—
1.6
1.75
Outline Drawing
Outline Dimensions (
)
inch
mm
3 Way-0°
50
Ω
150 to 6000 MHz
Power Splitter/Combiner
DC Pass, Ultra-Thin
Applications
• Dense Packaging Environment
• Automated Test Systems
• Cellular/ISM/SMG/GSM
• Satellite Distribution
• GPS/L BAND
Connectors
Model
SMP(Snap-on)
ZB3PD-63SMP+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com