Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLMB2S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SLMB2S
Description  1.0 Amp Super Fast Recovery Bridge Rectifier 200 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SLMB2S Datasheet(HTML) 1 Page - Micro Commercial Components

  SLMB2S Datasheet HTML 1Page - Micro Commercial Components SLMB2S Datasheet HTML 2Page - Micro Commercial Components SLMB2S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLMB2S
THRU
SLMB6S
1.0 Amp Super
Fast Recovery
Bridge Rectifier
200 to 600 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
+ to +150+
•
Storage Temperature: -55
+ to +150+
SLMB2S
SLB2S
200V
140V
200V
SLMB4S
SLB4S
400V
280V
400V
Electrical Characteristics @ 25
+ Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 25
+
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Peak Forward
Voltage
SLMB2S
VF
0.95V
IFM = 0.5A;
TA = 25
+
Maximum DC Reverse
Current At Rated
DC Blocking Voltage
IR
10
µA
TA =25
+
Thermal Resistance
RθJA
62.5
+/W
Maximum Reverse
Recovery Time
trr
IF=0.5A, IR=1.0A,
Irr=0.25A
Rating For Fusing
I
2t
3.7A
2st<8.30ms
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
•
Surface Mount Package
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SLMB6S
SLB6S
600V
420V
600V
Notes:1.High Temperature Solder Exemption Applied,see EU Directive Annex Notes 7.
35ns
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
Glass Passivated Diode Construction
•
SuperFast Recovery, Low Switching Loss
www.mccsemi.com
Revision:
B
2017/02/23
1 of 3
Micro Commercial Components
M C C
TM
LMBS -1








.197
.205
4.90
5.20

.024
0.6

----
.189
----
4.80

.150
.165
3.80
4.20

----
.209
----
5.30
.236
.252
6.00
6.60

.177
.185
4.30
4.70

.0009
.004
0.02
0.21
C
----
.059
----
1.50
D
.024
.032
0.60
0.80
F
E
C
D
B
A
G
H
K
J
L
M
L
.006
.012
0.15
0.30
M
.017
.031
0.25
0.80
SLMB4S
1.30V
SLMB6S
1.70V
RθJL
25
+/W
RθJC
10+/W


Similar Part No. - SLMB2S

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
SLM Series Slot Sensors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Lapp.
SLM LAPP-SLM Datasheet
409Kb / 1P
SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
Automatic Timing & Cont...
SLM ATC-SLM Datasheet
354Kb / 1P
Microprocessor Based 3-Phase Monitor
More results

Similar Description - SLMB2S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1S-01 CENTRAL-CMR1S-01 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER 1.0 AMP, 100 AND 200 VOLTS
logo
Micro Commercial Compon...
MUR20005CT MCC-MUR20005CT Datasheet
135Kb / 3P
200 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MUR3005WT MCC-MUR3005WT Datasheet
103Kb / 3P
30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
logo
Central Semiconductor C...
CMMR1S-02 CENTRAL-CMMR1S-02 Datasheet
72Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1.0 AMP, 200 VOLTS
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
76Kb / 3P
1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11 MCC-SF11_11 Datasheet
460Kb / 4P
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
50 to 600 Volts 1.0 Amp Super Fast Rectifier
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com