Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLMB4S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SLMB4S
Description  1.0 Amp Super Fast Recovery Bridge Rectifier 200 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SLMB4S Datasheet(HTML) 2 Page - Micro Commercial Components

  SLMB4S Datasheet HTML 1Page - Micro Commercial Components SLMB4S Datasheet HTML 2Page - Micro Commercial Components SLMB4S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
SLMB2S thru SLMB6S
Revision:
B
201
7/02/23
2 of 3
Micro Commercial Components
M C C
TM
0
0
0.2
Ta
( )
160
sine wave R-load
with heatsink
40
80
120
0.4
0.6
0.8
1.0
1.2
on alumina substrate
40
60
80
100
0.1
1.0
10
100
Voltage(%)
Tj=150
Tj=25
1
0
2
5
10
20
50
100
5
non-repetitive
Tj=25
Number of Cycles
8.3ms
1cycle
8.3ms
10
15
20
25
30
35
FIG 5: Diagram of circuit and Testing wave form of reverse recovery time
0.01
0.8
0.4
1.2
1.4
1.6
1.0
TJ=25
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
0.01
1.8
0
20
VF(V)
SLMB6S
SLMB4S
SLMB2S
Characteristics(Typical)
FIG 1: Io-Ta Curve
FIG 2: Surge Forward Current Capadility
FIG 3: Typical Forward Characteristics
FIG 4: Typical Reverse Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com