Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW3631 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3631
Description  Two-Stage, Flickerless??0-10V Dimmable Digital
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3631 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3631 Datasheet HTML 1Page - Dialog Semiconductor IW3631 Datasheet HTML 2Page - Dialog Semiconductor IW3631 Datasheet HTML 3Page - Dialog Semiconductor IW3631 Datasheet HTML 4Page - Dialog Semiconductor IW3631 Datasheet HTML 5Page - Dialog Semiconductor IW3631 Datasheet HTML 6Page - Dialog Semiconductor IW3631 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW3631
Two-Stage, Flickerless™ 0-10V Dimmable Digital
Off-Line LED Driver with High PF and Low THD
Rev. 1.1
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
23-January-2017
4 Pinout Description
Figure 4.1 : 14-Lead SOIC-14 Package
iW3631
1
2
3
14
13
12
4
11
VCB
VIN
BISENSE
BDRV
FVSENSE
FISENSE
BVSENSE
DIM
5
6
7
10
9
8
FDRV
ASU
VCC
PGND
AGND
TDRV
Pin Number
Pin Name
Type
Pin Description
1
BVSENSE
Analog Input
Boost inductor voltage feedback used for valley mode switching.
2
VIN
Analog Input
Rectified AC line voltage feedback. -00 uses internal resistor (15kΩ
typically) to sense line voltage; -01 needs an external resistor connected
from this pin to GND.
3
BISENSE
Analog Input
Boost current sense (only used for cycle-by-cycle peak current limit).
Connect an approximately 1kW resistor to the source of the boost
MOSFET switch to improve noise immunity.
4
BDRV
Output
Gate drive for boost MOSFET.
5
TDRV
Output
0-10V isolation transformer drive output.
6
ASU
Output
Control signal for active start-up device. This signal is pulled low after
start-up is finished to cut off the active device. If not using active start-up
device, leave this pin floating.
7
VCC
Power
Power supply for control logic and voltage sense for power-on reset
circuitry. A decoupling capacitor of 0.1μF or so should be connected
between the VCC pin and GND.
8
PGND
Ground
Power ground.
9
AGND
Ground
Signal ground.
10
FDRV
Output
Gate drive for flyback MOSFET.
11
FISENSE
Analog Input
Primary current sense (used for cycle-by-cycle peak current control and
limit). Connect an approximately 1kW resistor to the source of the flyback
MOSFET switch to improve noise immunity.
12
FVSENSE
Analog Input
Auxiliary voltage sense (used for primary-side regulation and valley mode
switching).
13
DIM
Analog Input
Dimming level control input.
14
VCB
Analog Input
Boost output voltage feedback. -00 uses internal resistor (15kΩ typically) to sense
line voltage; -01 needs an external resistor connected from this pin to GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com