Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCI
Description  Slim 2 Form A Miniature PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCI Datasheet(HTML) 1 Page - Tyco Electronics

  PCI Datasheet HTML 1Page - Tyco Electronics PCI Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
468
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
69.4
72
3.50
0.50
6
58.8
102
4.20
0.60
9
39.1
230
6.30
0.90
12
29.1
413
8.40
1.20
24
14.5
1,650
16.80
2.40
PCI
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Features
• Slim and simple architecture.
• 2 Form A (DPST-NO) contact arrangement.
• Cadmium-free contacts.
• UL, CSA, approvals.
• Immersion cleanable, sealed version available.
• Magnetic blow-out available for DC loads.
Contact Data @ 20
°C
Arrangements: 2 Form A (DPST-NO).
Material: Ag-GS Alloy.
Max. Switching Rate: 300ops./ min. (no load).
30ops./ min. (rated load).
Expected Mechanical Life: 1 million ops (no load).
Expected Electrical Life: 100,000 ops (rated load).
Minimum Load: 1mA @ 1VDC.
Initial Contact Resistance: 50 milliohms @ 1mA, 6VDC.
Contact Ratings
Ratings: 3A @ 24VDC resistive.
3A @ 120VAC resistive.
Max. Switched Voltage: AC: 240V.
DC: 50V.
Max. Switched Current: 5A.
Max. Switched Power: 300VA, 90W.
Initial Dielectric Strength
Between Open Contacts: 1,000VAC, 50/60 Hz. (1 min.).
Between Adjacent Contacts: 2,000VAC, 50/60 Hz (1 min).
Between Contacts and Coil: 4,000VAC, 50/60 Hz. (1 min.).
Surge Voltage Between Coil and Contacts: 7,000V (1.2/50
µs).
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDCM.
Coil Data
Voltage: 5 to 48VDC.
Duty Cycle: Continuous.
Nominal Power: 350mW.
Max. Coil Power: 130% of nominal at 20
°C.
PCI series
Slim 2 Form A
Miniature PC Board Relay
Appliances, Audio Equipment, Office Machines
UL File No. E82292
CSA File No. LR48471
Coil Data @ 20
°C
Operate Data @ 20
°C
Must Operate Voltage: 70% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time : 15ms max.
Release Time : 5ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C.
Vibration, Mechanical: 10 to 55Hz., 1.5mm double amplitude.
Operational: 10 to 55Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Mechanical Data
Termination: Printed circuit terminals.
Enclosure: Plastic sealed case with enclosure option "H".
Otherwise, vented (flux-tight) cover.
Weight: 0.41 oz (10.5g) approximately.


Similar Part No. - PCI

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PCI VIGO-PCI Datasheet
695Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCI-10.6 VIGO-PCI-10.6 Datasheet
695Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
logo
Advantech Co., Ltd.
PCI-1202U ADVANTECH-PCI-1202U Datasheet
536Kb / 1P
2-port AMONet RS-485 PCI Master Card
PCI-1202U ADVANTECH-PCI-1202U Datasheet
405Kb / 1P
2-port AMONet RS-485 PCI Master Card
27-Jul-2016
PCI-1202U-AE ADVANTECH-PCI-1202U-AE Datasheet
405Kb / 1P
2-port AMONet RS-485 PCI Master Card
27-Jul-2016
More results

Similar Description - PCI

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
logo
List of Unclassifed Man...
V23092 ETC1-V23092 Datasheet
34Kb / 1P
6 Amp Slim Miniature, PC Board Relay
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCKWK MACOM-PCKWK Datasheet
43Kb / 2P
Latching, Slim 16Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com