Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKWK Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCKWK
Description  Latching, Slim 16Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCKWK Datasheet(HTML) 2 Page - Tyco Electronics

  PCKWK Datasheet HTML 1Page - Tyco Electronics PCKWK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
905
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Typical Part Number
B
PCKWK
-1
12
D
2
M
,000
1. Basic Series:
PCKW = 16A double coil relay
2. Termination:
1 = 1 pole
3. Coil Voltage:
12= 12VDC
Consult factory for other voltages.
4. Coil Input:
D = Standard
5. Contact Material:
2 = AgSnO
6. Contact Arrangement:
M = 1 Form A (SPST-NO)
7. Suffix:
,000 = Standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
1.05
(26.7)
.039
(1.0)
.039
(1.0)
.012
(.3)
.138
(3.5)
.677
(17.20)
.102
(2.60)
.295
(7.50)
.043
(1.10)
.026
(0.65)
.059
(1.50)
.027
(0.70)
.171
(4.35)
.181
(4.60)
.039
(1.0)
.039
(1.0)
.957
(24.30)
.457
(11.60)
SET
COIL
RESET
COIL
+
+
–
5 – .059 DIA
(1.50)
.043
(1.10)
.677
(17.20)
.033
(0.85)
.295
(7.50)
.026
(0.65)
.059
(1.50)
.027
(0.70)
.171
(4.35)
Ordering Information
Outline Dimensions
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Wiring Diagram (Bottom View)
PC Board Layout (Bottom View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com