Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

612NGMLE Datasheet(PDF) 1 Page - ebm-papst

Part # 612NGMLE
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

612NGMLE Datasheet(HTML) 1 Page - ebm-papst

  612NGMLE Datasheet HTML 1Page - ebm-papst 612NGMLE Datasheet HTML 2Page - ebm-papst 612NGMLE Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
31
max.
56 m3/h
Highlights:
– Ball bearings and sleeve bearings available.
– Some models suitable for use at high ambient temperatures up to 85 °C.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 66 g.
DC axial fans
Series 600 N
60 x 60 x 25 mm
0
5
10
15
20
25
30
10
20
20
60
80
100
30
40
50
1
2
3
40
4
5
6
m³/h
CFM
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110-118
612 NGLE
21
12,4
12
8...15
16
3,6
0,6
2 500
-20...+85
80 000 / 27 500
160 000
1
612 NLE
21
12,4
12
8...15
16
3,6
0,4
2 500
-20...+85
80 000 / 27 500
160 000
1
612 NGMLE
25
14,7
12
8...15
19
3,9
0,7
3 000
-20...+80
80 000 / 32 500
160 000
2
612 NMLE
25
14,7
12
8...15
19
3,9
0,4
3 000
-20...+85
80 000 / 27 500
160 000
2
612 NGME
35
20,6
12
8...15
28
4,6
1,2
4 100
-20...+75
80 000 / 35 000
160 000
3
612 NME
35
20,6
12
8...15
28
4,6
0,8
4 100
-20...+75
80 000 / 35 000
160 000
3
/2
612 NN
42
24,7
12
8...15
35
5,0
1,6
5 100
-20...+70
70 000 / 35 000
140 000
4
612 NH
46
27,1
12
8...15
37
5,3
2,0
5 600
-20...+70
70 000 / 35 000
140 000
5
/2
612 NHH-118
56
33,0
12
8...15
41
5,7
2,9
6 800
-20...+70
60 000 / 30 000
120 000
6
/2
614 NGL
21
12,4
24
18...28
16
3,6
1,0
2 500
-20...+70
80 000 / 40 000
160 000
1
614 NL
21
12,4
24
18...28
16
3,6
0,9
2 500
-20...+70
80 000 / 40 000
160 000
1
/2
614 NGML
25
14,7
24
18...28
19
3,9
1,2
3 000
-20...+70
80 000 / 40 000
160 000
2
/2
614 NML
25
14,7
24
18...28
19
3,9
1,0
3 000
-20...+70
80 000 / 40 000
160 000
2
614 NGM
35
20,6
24
18...28
28
4,6
1,7
4 100
-20...+70
80 000 / 40 000
160 000
3
/12
614 NM
35
20,6
24
18...28
28
4,6
1,4
4 100
-20...+70
80 000 / 40 000
160 000
3
/2/39
614 NN
42
24,7
24
18...28
35
5,0
1,8
5 100
-20...+70
70 000 / 35 000
140 000
4
614 NH
46
27,1
24
18...26
37
5,3
2,1
5 600
-20...+70
70 000 / 35 000
140 000
5
/2
614 NHH
56
33,0
24
18...26
41
5,7
3,0
6 850
-20...+70
60 000 / 30 000
120 000
6
614 NHH-119
56
33,0
24
18...28
41
5,7
3,0
6 850
-20...+70
60 000 / 30 000
120 000
6
/2
618 NM
35
20,6
48
36...56
28
4,6
1,4
4 100
-20...+70
80 000 / 40 000
160 000
3
618 NN
42
24,7
48
36...56
35
5,0
2,1
5 100
-20...+65
70 000 / 40 000
140 000
4
/2/12/39
IP54
IP54
Û
HHPP
II
TT
NG
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
632 NU
40
23,5
12
6...15
33
5,2
1,8
5 900
-20...+70
85 000 / 42 500
170 000
1
632 /2HPU
44
25,9
12
10,8...13,2
35
5,4
1,5
6 400
-20...+70
85 000 / 42 500
170 000
2
638 /2HPU
44
25,9
48
40...60
35
5,4
1,8
6 400
-20...+70
85 000 / 42 500
170 000
2
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:25 Seite 31


Similar Part No. - 612NGMLE

ManufacturerPart #DatasheetDescription
logo
ebm-papst
612NGMLE EBMPAPST-612NGMLE Datasheet
293Kb / 4P
DC axial compact fan
More results

Similar Description - 612NGMLE

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com