Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6400U Datasheet(PDF) 1 Page - ebm-papst

Part # 6400U
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6400U Datasheet(HTML) 1 Page - ebm-papst

  6400U Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP68
RA TING
Curves
DC axial fans
Series 6400 U 172 x 150 x 51 mm
Highlights:
– Motor protection against reverse polarity and locking.
– Air exhaust over struts
– Connection via leads 310 mm AWG 22, TR 64, bared and tin-plated
– Ingress protection rating of IP68
Material: Housing: Die-cast aluminum
Impeller: Fiberglass-reinforced PA composite
Direction of rotation: Counterclockwise, seen on rotor
Nominal Data
Type
CFM
VDC
VDC
dB(A)
Bel(A)
Watts
RPM
oC
g
6424/2U
241.3
24
12...28
57
6.4
Yes
17
3400
-20...67
870
IP68
Yes
1
6448 U
241.3
48
28...60
57
6.4
Yes
17
3400
-20...67
870
IP68
Yes
1
6424 HU
283.0
24
12...28
63
7.1
Yes
26
4000
-20...55
870
IP68
Yes
2
0.17
(4.3±0.15)
0.18
(4.5±0.2)
Ø6.75 (171.5
±0.5)
Ø6.53
(166)
Ø6.38
(162)
2 (50.8
±0.3)
[CFM]
V
•
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
050100
150200
250
1
2
19


Similar Part No. - 6400U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6400U ETC2-6400U Datasheet
361Kb / 1P
DC axial fans Series 6400 U 172 x 150 x 51 mm
logo
Belden Inc.
6400UE BELDEN-6400UE Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6400UE-8771000 BELDEN-6400UE-8771000 Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6400UE-877C500 BELDEN-6400UE-877C500 Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6400UE-877U1000 BELDEN-6400UE-877U1000 Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
More results

Similar Description - 6400U

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com