Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6314H Datasheet(PDF) 1 Page - ebm-papst

Part # 6314H
Description  Ball bearing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6314H Datasheet(HTML) 1 Page - ebm-papst

  6314H Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DV6224 - 9295414502 Ablöse durch 6314/H
11.11.2013 - 015MH / 18.11.2014 015Wos
DV6224
Technische Daten / technical data
Nennspannung / Nominal Voltage
Spannungsbereich / Voltage Range
Nenndrehzahl / Nominal Speed
Volumenstrom / Air Flow
Sollwerteingang / Speed Control Input
Signalausgang / Signal Output
Anlaufstrom / Start-up Current
Blockierschutz / Locked Rotor Protection
Leistungsaufnahme / Power Consumption
Geräusch / Noise (Schalldruck)
Schallleistung / Sound Power
Zulässige Umgebungstemperatur /
Temperature Range
Lebensdauererwartung / Life expectancy
L10 @ 40°C
Lebensdauererwartung / Life expectancy
L10 @ max. Temp.
Lagersystem / Bearing System
Masse / Mass
Besonderheiten / Specials
9295414502 Ablöse durch 6314/H - 9695480223
/ 18.11.2014 015Wos
6314H
technical data
DV6224
6314H
24V
24V
16…28V
16…30V
4300 1/min
5000 1/min
540 m³/h
545 m³/h
Speed Control Input
Keinen / None
Keinen / None
Keinen / None
Keinen / None
3,5 A peak
1,8 A peak
Locked Rotor Protection
El. Wiederanl. / el. restart
el. Wiederanl. /
1,4s / 5,3s
0,5s / 7,0s
Power Consumption 40W
31W
63,0dB(A)
58dB(A)
7,1 bel(A)
6,9 bel(A)
-20 … 75°C
-20 … + 65°C
/ Life expectancy
90.000 h
77.500 h
/ Life expectancy
40.000 h
42.500
Kugellager / Ball bearing
Kugellager / Ball bearing
0,820kg
0,825kg
el. Wiederanl. / el. restart
Ball bearing


Similar Part No. - 6314H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6314 ETC-6314 Datasheet
210Kb / 1P
Heyco짰 Male/Female Combination Terminals ??7 Gauge
logo
Heyco.
6314 HEYCO-6314 Datasheet
210Kb / 1P
Male/Female Combination Terminals - 27 Gauge
logo
List of Unclassifed Man...
6314-2000 ETC1-6314-2000 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
6314-45 ETC2-6314-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6314-47 ETC2-6314-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6314H

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-471BT KEPONT-KEST-471BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-471BW KEPONT-KEST-471BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472SW KEPONT-KEST-472SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-481BW KEPONT-KEST-481BW Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
ball bearing or fluid dynamic bearing
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
logo
SparkFun Electronics
ROB-12245 SPARKFUN-ROB-12245 Datasheet
98Kb / 1P
Ball Bearing Hub
2/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com