Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6314H Datasheet(PDF) 2 Page - ebm-papst

Part # 6314H
Description  Ball bearing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6314H Datasheet(HTML) 2 Page - ebm-papst

  6314H Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
DV6248 - 9295414503 Ablöse durch 6318/H
25.11.2013 - 015MH / 18.11.2014 - 015/
DV6248
Technische Daten / technical data
Nennspannung / Nominal Voltage
Spannungsbereich / Voltage Range
Nenndrehzahl / Nominal Speed
Drehzahlbereich / Speed Range
Volumenstrom / Air Flow
Sollwerteingang / Speed Control Input
Signalausgang / Signal Output
Anlaufstrom / Start-up Current
Blockierschutz / Locked Rotor Protection
Leistungsaufnahme / Power Consumption
Geräusch / Noise (Schalldruck)
Schallleistung / Sound Power
Zulässige Umgebungstemperatur /
Temperature Range
Lebensdauererwartung / Life expectancy
L10 @ 40°C
Lebensdauererwartung / Life expectancy
L10 @ max. Temp.
Lagersystem / Bearing System
Masse / Mass
Besonderheiten / Specials
9295414503 Ablöse durch 6318/H
015/Wos
6318H
technical data
DV6248
6318H
48V
48V
28…60V
36…72V
4300 1/min
5000 1/min
2750 …4710 1/min
~4200 … 5000 1/min
540 m³/h
545 m³/h
Speed Control Input
Keinen / None
Keinen / None
Keinen / None
Keinen / None
3,5 A peak
1,5 A peak
Locked Rotor Protection
El. Wiederanl. / el. restart
el. Wiederanl. /
1,4s / 5,3s
0,5s / 10,0s
Power Consumption 40W @ 48V
32W @ 48V
63,0dB(A)
58,0dB(A)
7,1 bel(A)
6,9 bel(A)
-20 … 75°C
-20 … + 65°C
/ Life expectancy
90.000 h
77.500
/ Life expectancy
40.000 h
42.500 h
Kugellager / Ball bearing
Kugellager / Ball bearing
0,820kg
0,825kg
~4200 … 5000 1/min
el. Wiederanl. / el. restart
77.500 h
42.500 h
Ball bearing



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com