Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8314U Datasheet(PDF) 1 Page - ebm-papst

Part # 8314U
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8314U Datasheet(HTML) 1 Page - ebm-papst

  8314U Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP68
RA TING
Curves
DC axial fans
Series 8300 U 80 x 80 x 32 mm
Highlights:
– Motor protection against reverse polarity and locking.
– Air exhaust over struts
– Connection via 310 mm strands AWG 22, TR 64, bared and tin-plated
– Ingress protection rating of IP68
Material: Housing: Fiberglass-reinforced PBT composite
Impeller: Fiberglass-reinforced PA composite
Direction of rotation: Clockwise, seen on rotor
Nominal Data
Type
CFM
VDC
VDC
dB(A)
Bel(A)
Watts
RPM
oC
g
8314 U
31.8
24
12...31.5
36
5.2
Yes
2.7
3300
-20...75
210
IP68
Yes
1
8312 HLU
39.4
12
6...15
43
5.8
Yes
4.0
4200
-20...75
210
IP68
Yes
2
8314 HU
47.1
24
12...28
48
6.2
Yes
6.2
5000
-20...65
210
IP68
Yes
3
0.17 (4.3±0.15)
0.18 (4.5
±0.2)
2.80 (71.5
±0.2)
3.15 (80
±0.3)
1.26 (32
±0.3)
0.87 (22
)
0.20 (5
)
0.24 (6)
Ø3.54
(90)
[CFM]
V
•
0.0
0.1
0.2
0.3
0.4
0.5
05
10
15
20
25
30
35
40
45
3
1
2
8


Similar Part No. - 8314U

ManufacturerPart #DatasheetDescription
logo
ebm-papst
8314 EBMPAPST-8314 Datasheet
283Kb / 4P
DC axial compact fan
logo
List of Unclassifed Man...
8314 ETC2-8314 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8314 ETC2-8314 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8314 ETC2-8314 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8314 ETC2-8314 Datasheet
338Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8314U

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com