Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4412F Datasheet(PDF) 1 Page - ebm-papst

Part # 4412F
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4412F Datasheet(HTML) 1 Page - ebm-papst

  4412F Datasheet HTML 1Page - ebm-papst 4412F Datasheet HTML 2Page - ebm-papst 4412F Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
46
max.
204 m3/h
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 114
4312 MT
65
38,2
12
8...15
25
3,9
1,1
1 100
-20...+65
70 000 / 40 000
142 500
1
/17
138
81,2
39
5,3
3,0
2 300
2
4312 T
85
50,0
12
8...13,2
29
4,2
2,4
1 400
-20...+65
65 000 / 35 000
132 500
3
/17
170
100,1
45
5,8
5,5
2 800
4
4314 T
85
50,0
24
18...32
29
4,2
1,6
1 400
-20...+65
65 000 / 35 000
132 500
3
/17
170
100,1
45
5,8
4,8
2 800
4
4318 V
61
35,9
48
40...53
21
—
2,6
1 000
-20...+65
65 000 / 35 000
132 500
5
/17
170
100,0
45
5,8
5,4
2 800
6
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110-116
4312 GL
95
55,9
12
6...15
30
4,3
1,2
1 550
-20...+75
80 000 / 35 000
157 500
1
4312 L
95
55,9
12
6...15
30
4,3
1,2
1 550
-20...+75
80 000 / 35 000
157 500
1
4312 GM
140
82,4
12
6...15
39
5,3
2,6
2 300
-20...+75
70 000 / 30 000
135 000
2
4312 M
140
82,4
12
6...15
39
5,3
2,6
2 300
-20...+75
70 000 / 30 000
135 000
2
/12
4312 G
170
100,1
12
6...15
45
5,8
5,0
2 800
-20...+75
62 500 / 27 500
122 500
3
4312
170
100,1
12
6...15
45
5,8
5,0
2 800
-20...+75
62 500 / 27 500
122 500
3
/2/19
4312-179
204
120,1
12
6...13,2
51
6,4
8,5
3 400
-20...+75
47 500 / 20 000
90 000
5
4314 L
95
55,9
24
12...28
30
4,3
1,2
1 550
-20...+75
80 000 / 35 000
157 500
1
4314 M
140
82,4
24
12...28
39
5,3
2,6
2 300
-20...+75
70 000 / 30 000
135 000
2
4314 G
170
100,1
24
12...28
45
5,8
5,0
2 800
-20...+75
62 500 / 27 500
122 500
3
4314
170
100,1
24
12...28
45
5,8
5,0
2 800
-20...+75
62 500 / 27 500
112 500
3
/2/12
4314-147
180
105,9
24
12...28
47
6,1
5,8
3 000
-20...+75
57 500 / 25 000
112 500
4
4314-180
204
120,1
24
12...26,5
51
6,4
9,5
3 400
-20...+75
45 000 / 20 000
90 000
5
4318 M
140
82,4
48
36...56
39
5,3
3,5
2 300
-20...+75
70 000 / 30 000
135 000
2
4318
170
100,1
48
36...53
45
5,8
5,0
2 800
-20...+75
62 500 / 27 500
112 500
3
/2/17
Highlights:
– Ball bearings and sleeve bearings available.
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables
a tailor-made solution to the specific requirements of your applications
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 220 g.
DC axial fans
Series 4300
119 x 119 x 32 mm
0
1 5
3 0
4 5
6 0
7 5
9 0
25
50
20
40
75
100
125
60
150
80
1
2
3
4
5
m³/h
CFM
Rotor protrusion max. 0,4 mm.
HHPP
A
IP54
IP54
Û SSPP
PWM
II
TT
NG
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:26 Seite 46


Similar Part No. - 4412F

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4412F EBMPAPST-4412F Datasheet
304Kb / 4P
DC axial compact fan
4412F EBMPAPST-4412F Datasheet
375Kb / 3P
DC axial fans
4412F EBMPAPST-4412F Datasheet
704Kb / 3P
DC axial fans
4412F EBMPAPST-4412F Datasheet
379Kb / 3P
DC axial fans
4412F EBMPAPST-4412F Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 4412F

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com