Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2002UPS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP2002UPS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP2002UPS Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS Datasheet HTML 7Page - Diodes Incorporated DMP2002UPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 5 - 2
5 of 8
www.diodes.com
July 2016
© Diodes Incorporated
DMP2002UPS
0.001
0.0014
0.0018
0.0022
0.0026
0.003
0.0034
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = -10V, ID = -25A
V
GS = -4.5V, ID = -20A
V
GS = -2.5V, ID = -15A
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T
A, AMBIENT TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs Ambient
Temperature
I
D = -1mA
I
D = -250µA
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 85
oC
T
A = -55
oC
T
A = 25
oC
T
A = 125
oC
T
A = 150
oC
V
GS = 0V
1000
10000
100000
0
4
8
12
16
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
50 100 150 200 250 300 350 400 450 500
Q
g (nC)
Figure 11. Gate Charge
V
DS = -10V, ID = -20A
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max) = 150℃
T
C = 25℃
V
GS = -10V
Single Pulse
DUT on Infinite Heatsink
R
DS(ON)
Limited
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs
P
W = 10µs
P
W = 1µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com