Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2003UPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2003UPS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2003UPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2003UPS Datasheet HTML 1Page - Diodes Incorporated DMP2003UPS Datasheet HTML 2Page - Diodes Incorporated DMP2003UPS Datasheet HTML 3Page - Diodes Incorporated DMP2003UPS Datasheet HTML 4Page - Diodes Incorporated DMP2003UPS Datasheet HTML 5Page - Diodes Incorporated DMP2003UPS Datasheet HTML 6Page - Diodes Incorporated DMP2003UPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP2003UPS
Document number: DS39597 Rev. 2 - 2
2 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMP2003UPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current, VGS = -10V (Note 7)
TC = +25°C
TC = +70°C
ID
-150
-120
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-350
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
-120
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
-350
A
Avalanche Current, L = 0.1mH (Note 8)
IAS
-32
A
Avalanche Energy, L = 0.1mH (Note 8)
EAS
67
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.4
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
90
°C/W
Total Power Dissipation (Note 6)
PD
2.7
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
46
°C/W
Total Power Dissipation (Note 7)
PD
80
W
Thermal Resistance, Junction to Case (Note 7)
RJC
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-20
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
-0.5
—
-1.4
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
1.7
2.2
m
Ω
VGS = -10V, ID = -25A
—
1.9
2.55
VGS = -4.5V, ID = -20A
—
2.5
4.0
VGS = -2.5V, ID = -15A
Diode Forward Voltage
VSD
—
-0.6
-1.1
V
VGS = 0V, IS = -5A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
8352
—
pF
VDS = -10V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
1406
—
pF
Reverse Transfer Capacitance
Crss
—
599
—
pF
Gate Resistance
Rg
—
13.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
79
—
nC
VDS = -10V, ID = -20A
Total Gate Charge (VGS = -10V)
Qg
—
177
—
nC
Gate-Source Charge
Qgs
—
14.3
—
nC
Gate-Drain Charge
Qgd
—
19.8
—
nC
Turn-On Delay Time
tD(ON)
—
7.8
—
ns
VDD = -10V, VGEN = -4.5V,
RGEN = 1Ω, ID = -10A
Turn-On Rise Time
tR
—
4.9
—
ns
Turn-Off Delay Time
tD(OFF)
—
377
—
ns
Turn-Off Fall Time
tF
—
189
—
ns
Reverse Recovery Time
tRR
—
49
—
ns
IF = -10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
39
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com