Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2002UPS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2002UPS-13
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2002UPS-13 Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 7Page - Diodes Incorporated DMP2002UPS-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 5 - 2
2 of 8
www.diodes.com
July 2016
© Diodes Incorporated
DMP2002UPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current, VGS = -10V (Note 5)
Steady State
(Note 8)
TC = +25°C
TC = +70°C
ID
-60
-60
A
t<10s
TA = +25°C
TA = +70°C
-42
-33.5
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-100
A
Continuous Body Diode Forward Current (Note 5)
Steady State
(Note 8)
TC = +25°C
IS
-60
A
t<10s
TA = +25°C
-5.6
A
Pulsed Body Diode Forward Current (10
μs pulse, duty cycle = 1%)
ISM
-100
A
Avalanche Current, L = 0.1mH
IAS
-37
A
Avalanche Energy, L = 0.1mH
EAS
69.8
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady State
PD
2.3
W
t<10s
6.25
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
55
°C/W
t<10s
20
Total Power Dissipation (Note 5)
Steady State
PD
104
W
Thermal Resistance, Junction to Case (Note 5)
RθJC
0.9
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com