Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7016 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW7016
Description  6-Channel LED Driver for LCD Panel Backlighting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7016 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW7016 Datasheet HTML 1Page - Dialog Semiconductor IW7016 Datasheet HTML 2Page - Dialog Semiconductor IW7016 Datasheet HTML 3Page - Dialog Semiconductor IW7016 Datasheet HTML 4Page - Dialog Semiconductor IW7016 Datasheet HTML 5Page - Dialog Semiconductor IW7016 Datasheet HTML 6Page - Dialog Semiconductor IW7016 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW7016 Product Summary
6-Channel LED Driver for LCD Panel
Backlighting
Rev. 1.4
iW7016
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 7
Pinout Description (cont.)
Pin #
Name
Type
Pin Description
18
PWM5
DI
PWM input, internally pulled down (100K); NC in single direct PWM mode
19
PWM6
DI
PWM input, internally pulled down (100K); NC in single direct PWM mode
20
LDO5_A
Power
Connects to decoupling cap for internal generated 5V analog supply
21
LDO5_D
Power
Connects to decoupling cap for internal generated 5V digital supply
22
ADIM
AI
Analog dimming control input
23
V2P5
AI
2.5V reference for ADIM
24
FAULTB
DO
Fault output, open drain (active low)
25
EN
DI
Chip enable signal
26
VFB
AI
Boost controller voltage feedback pin
27
VCOMP
AO
Boost controller loop compensation pin
28
CS
AI
Boost output current sense pin
29
GDRV
AI
Boost gate drive for external MOSFET
30
VDIV
AI
Boost input UVLO detection pin
31
VIN
Power
Chip input power
32
VSSA
GND
Quiet analog ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com