Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7019 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW7019
Description  8-Channel LED Driver for LCD Panel Backlighting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7019 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW7019 Datasheet HTML 1Page - Dialog Semiconductor IW7019 Datasheet HTML 2Page - Dialog Semiconductor IW7019 Datasheet HTML 3Page - Dialog Semiconductor IW7019 Datasheet HTML 4Page - Dialog Semiconductor IW7019 Datasheet HTML 5Page - Dialog Semiconductor IW7019 Datasheet HTML 6Page - Dialog Semiconductor IW7019 Datasheet HTML 7Page - Dialog Semiconductor IW7019 Datasheet HTML 8Page - Dialog Semiconductor IW7019 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iW7019 Product Summary
8-Channel LED Driver for
LCD Panel Backlighting
Rev. 1.6
iW7019
© 2016 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 9
Pin #
QFP44
Pin #
SOP32
Name
Type
Pin Description
1
X
NC
2
14
LED6
Analog Output LED cathode connection for string 6
3
XX
NC
4
15
LED7
Analog Output LED cathode connection for string 7
5
17
LEDGND
Ground
Ground for LED driver
6
17
LEDGND
Ground
Ground for LED driver
7
16
LED8
Analog Output LED cathode connection for string 8
8
X
NC
9
18
VFB
Analog In
Boost controller feedback pin (settled value is 1.2V)
10
19
DPGND
Digital Ground Digital Ground and Boost Pre-Driver’s ground
11
20
CS
Analog In/Out Boost pre-driver sense input
12
21
GDRV
Analog Out
Boost gate drive for external MOSFET
13
22
VCOMP
Analog In
Boost controller loop compensation
14
23
RT
Analog In
Programmable boost switching frequency (100K/150K/200K)
15
24
UVLO
Analog In
Boost UVLO comparator input. Voltage level is greater than 1.2V
for a healthy boost VIN. Customer has to put resistor divider on
16
25
LDO5_A
Analog Output Internal LDO output and analog power section supply.
17
17
LEDGND
Ground
Ground for LED driver
18
17
LEDGND
Ground
Ground for LED driver
19
26
LDO5_D
Analog Output Internal LDO output and digital power section supply.
20
27
RLS
Analog Input Short Level Threshold voltage setting(3/6/9V/12V, with default at
6V), using different resistor selection.
21
28
VIN
Supply Input Input voltage to the main supply rail.
22
29
CSB
Digital Input
Slave select input for SPI (Chip Select Bar). Active LOW. Logic
high is defined as 5.0V
23
30
SCK
Digital Input
SCK, serial clock input for Serial Peripheral Interface (SPI). Logic
high is defined as 5.0V.
24
31
FAULTB
Analog Output Fault status (Active Low) - Open drain. Pull-up to LDO5A with a
100KOhm +5% resistor.
25
32
EN
Digital Input
Enable Input. Logic high is defined as 5.0V.
26
1
VSYNC/PWM
Digital Input
Vertical SYNC input. [optional direct PWM control] logic high is
defined as 5.0V.
27
2
VREF2P5
Analog Output Analog reference for Analog Dimming.
Pinout Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com