Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7027 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW7027
Description  16-Channel LED Driver for LCD Panel Backlighting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7027 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW7027 Datasheet HTML 1Page - Dialog Semiconductor IW7027 Datasheet HTML 2Page - Dialog Semiconductor IW7027 Datasheet HTML 3Page - Dialog Semiconductor IW7027 Datasheet HTML 4Page - Dialog Semiconductor IW7027 Datasheet HTML 5Page - Dialog Semiconductor IW7027 Datasheet HTML 6Page - Dialog Semiconductor IW7027 Datasheet HTML 7Page - Dialog Semiconductor IW7027 Datasheet HTML 8Page - Dialog Semiconductor IW7027 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iW7027 Product Summary
16-Channel LED Driver for
LCD Panel Backlighting
Rev. 0.3 Preliminary
iW7027
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 9
Pin #
Name
Type
Pin Description
QFP44 QFN48
1
1
VIN
Supply Input
Input voltage to the main supply rail.
2
2
VDD5
Analog Output 5V input and LDO Compensation Pin.
3
3
FAULTB
Analog Output Fault status (Active Low) - Open drain. pull-up to 5V with a
100KOhm +5% resistor.
4
4
FB1
Analog Output Analog DAC output interface with external Buck or Boost converter
for LED
5
5
FB2
Analog Output Analog DAC output interface with external Buck or Boost converter
for LED.
6
SENS_GND
Sense Ground Sense ground for ILED, Connect to external RSENSE ground.
6
7
CSB
Digital Input
Slave select input for SPI (Chip Select Bar). Active LOW.
7
8
MOSI
Digital Input
Master output, slave input for SPI.
8
9
SCK
Digital Input
SCK, serial clock input for Serial Peripheral Interface (SPI)/In drect
PWM mode , can be reused as PWM In.
9
10
MISO
Digital 3 State
Output
Master input, slave output for SPI.
10
11
VSYNC/
PWMIN
Digital Input
VSYNC clock input in SPI dimming mode.
11
12
CPLL/CLKIN
Analog In/Out PLL compensation output/External Clock In.
12
13
G16
Analog Output Gate of external MOSFET.
13
14
S16
Analog Input
Source of external MOSFET.
14
15
S15
Analog Input
Source of external MOSFET.
15
16
G15
Analog Output Gate of external MOSFET.
16
17
G14
Analog Output Gate of external MOSFET.
17
18
S14
Analog Input
Source of external MOSFET.
XXXX
19
EXPGND
Analog Ground Ground for ILED. Connected to External RSENSE Ground.
18
20
S13
Analog Input
Source of external MOSFET.
19
21
G13
Analog Output Gate of external MOSFET.
20
22
G12
Analog Output Gate of external MOSFET.
21
23
S12
Analog Input
Source of external MOSFET.
22
24
S11
Analog Input
Source of external MOSFET.
23
25
G11
Analog Output Gate of external MOSFET
24
26
G10
Analog Output Gate of external MOSFET
Pinout Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com