Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW7028 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW7028
Description  10-Channel LED Driver for LCD Panel Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7028 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW7028 Datasheet HTML 1Page - Dialog Semiconductor IW7028 Datasheet HTML 2Page - Dialog Semiconductor IW7028 Datasheet HTML 3Page - Dialog Semiconductor IW7028 Datasheet HTML 4Page - Dialog Semiconductor IW7028 Datasheet HTML 5Page - Dialog Semiconductor IW7028 Datasheet HTML 6Page - Dialog Semiconductor IW7028 Datasheet HTML 7Page - Dialog Semiconductor IW7028 Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iW7028 Product Summary
10-Channel LED Driver for
LCD Panel Backlighting
Rev. 0.1 Preliminary
iW7028
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 8
Pin Number
in SOP32
Name
Type
Pin Description
1
G8
Analog Output Gate of external MOSFET.
2
S8
Analog Input Source of external MOSFET.
3
S7
Analog Input Source of external MOSFET.
4
G7
Analog Output Gate of external MOSFET.
5
G6
Analog Output Gate of external MOSFET.
6
S6
Analog Input Source of external MOSFET.
7
S3
Analog Input Source of external MOSFET.
8
G3
Analog Output Gate of external MOSFET.
9
S1
Analog Input Source of external MOSFET.
10
G1
Analog Output Gate of external MOSFET.
11
VSS
Ground
Chip ground.
12
VIN
Supply Input Input voltage to the main supply rail.
13
VDD5
Analog Output 5V input and LDO compensation pin.
14
FAULTB
Analog Output Fault status (active low) - open drain. Pull-up to 5V with a 100K
W
+5% resistor.
15
FB1
Analog Output Analog DAC output interface with external Buck or Boost converter
for LED.
16
FB2
Analog Output Analog DAC output interface with external Buck or Boost converter
for LED.
17
CSB
Digital Input
Slave select input for SPI (Chip Select Bar). Active LOW.
18
MOSI
Digital Input
Master output, slave input for SPI.
19
SCK
Digital Input
Serial clock input for Serial Peripheral Interface (SPI)/In Direct
PWM Mode. It can be reused as PWM In.
20
MISO
Digital 3-State
Output
Master input, slave output for SPI.
21
VSYNC/
PWMIN
Digital Input
VSYNC clock input in SPI dimming mode.
22
CPLL/CLKIN
Analog In/Out PLL compensation output/External Clock In.
23
G16
Analog Output Gate of external MOSFET.
24
S16
Analog Input Source of external MOSFET.
25
G14
Analog Output Gate of external MOSFET.
Pinout Description (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com