Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15524 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15524
Description  Linnea Lens
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15524 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15524 Datasheet HTML 1Page - Ledil, Inc. F15524 Datasheet HTML 2Page - Ledil, Inc. F15524 Datasheet HTML 3Page - Ledil, Inc. F15524 Datasheet HTML 4Page - Ledil, Inc. F15524 Datasheet HTML 5Page - Ledil, Inc. F15524 Datasheet HTML 6Page - Ledil, Inc. F15524 Datasheet HTML 7Page - Ledil, Inc. F15524 Datasheet HTML 8Page - Ledil, Inc. F15524 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PRODUCT DATASHEET
Linnea series
last update 25/1/2018
DETAILS
Product Number
F15941_LINNEA-60-B
Family
Linnea
Type
Lens
Color
clear
Diameter
280x40 mm
Height
12 mm
Style
rectang
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
25/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
96+54 deg
83 %
0.590
-
NFSx757G
96+59 deg
83 %
0.560
-
Duris S5 (2 chip)
95+57 deg
85 %
0.580
-
PrevaLED Linear Slim 3 (2000lm)
96+58 deg
84 %
0.570
-
Duris S5 (Single chip)
96+57 deg
86 %
0.590
-
Fortimo LED Strip 1ft 1100lm FC HV4 & LV4
95+59 deg
85 %
0.580
-
Fortimo LED Strip 1ft 650lm FC HV4 & LV4
95+59 deg
84 %
0.570
-
LT-V282E
96+54 deg
86 %
0.610
-
LT-V562E
96+54 deg
86 %
0.610
-
LT-H282C
96+55 deg
85 %
0.600
-
LT-H562C
96+55 deg
85 %
0.600
-
LT-S282H
96+54 deg
85 %
0.600
-
LT-S562H
96+54 deg
85 %
0.600
-
LT-Q282B
95+54 deg
85 %
0.610
-
SunLike 3030
96+57 deg
86 %
0.600
-
LLE G4 24x280mm 650lm
95+59 deg
85 %
0.570
-
LLE G4 24x280mm 1250lm
96+58 deg
85 %
0.570
-
January 31st 2018 10:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F15524

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F15523 CREE-F15523 Datasheet
518Kb / 10P
Linnea series
logo
Ledil, Inc.
F15523 LEDIL-F15523 Datasheet
12Mb / 13P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
More results

Similar Description - F15524

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F15523 CREE-F15523 Datasheet
518Kb / 10P
Linnea series
logo
Ledil, Inc.
F15952 LEDIL-F15952 Datasheet
2Mb / 39P
Linnea Lens
F16048 LEDIL-F16048 Datasheet
1Mb / 38P
Linnea Lens
F15756 LEDIL-F15756 Datasheet
2Mb / 52P
Linnea Lens
F15860 LEDIL-F15860 Datasheet
2Mb / 51P
Linnea Lens
F15861 LEDIL-F15861 Datasheet
2Mb / 59P
Linnea
F15940 LEDIL-F15940 Datasheet
2Mb / 44P
Linnea Lens
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
F16182 LEDIL-F16182 Datasheet
4Mb / 3P
Long, male end cap compatible with LINNEA-90
F16339 LEDIL-F16339 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com