Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS28
Description  High-Speed Double Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS28 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS28 Datasheet HTML 1Page - Micro Commercial Components BAS28 Datasheet HTML 2Page - Micro Commercial Components BAS28 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
20
13/11/06
www.mccsemi.com
2 of 3
MCC
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
V
IR= 100μA
Forward Voltage
VF
-
0.715
0.855
1.0
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=100mA
Reverse Leakage Current
IR
-
0.03
1.0
30
50
μA
VR=25V
VR=75V
VR=25V,Tj=150℃
VR=75V,Tj=150℃
Diodes Capacitance
Cd
-
1.5
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
4.0
ns
IF=IR=10mA,Irr=0.1*IR
Forward recovery voltage
Vfr
-
1.75
V
IF=10mA,tr=20ns
BAS28
TM
Micro Commercial Components



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com