Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116L2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS116L2
Description  300mW Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS116L2 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS116L2 Datasheet HTML 1Page - Micro Commercial Components BAS116L2 Datasheet HTML 2Page - Micro Commercial Components BAS116L2 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS116
L2
300mW Switching
Diode
Features
•
Low leakage current applications.
Reverse Voltage
VR
85
Non-Repetitive Peak Forward Surge
Current
4.0
1.0
0.5
@ t =1.0µs
@ t =1.0ms
DFN1006-2C
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
C
20
17/09/06
Marking: JV
1 of
3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Micro Commercial Components
M C C
R
RMS Reverse Voltage
VR(RMS)
60
Forward Continuous Current
IFM
215
Repetitive Peak Forward Current
IFRM
500
IFSM
@ t =1.0s
Power Dissipation
Pd
300
Maximum Ratings
Thermal Resistance Junction to Ambient
417
RthJA
TSTG
Junction Temperature
Storage Temperature
TJ
Symbol
Rating
Rating
Unit
V
A
mA
mA
mW
°C/W
-65 to +150
-65 to +150
V
°C
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max Units
VFM
Forward Voltage
(IF=1mA)
(IF =10mA)
---
---
0.
90
1.00
V
IR
Cj
Junction Capacitance
(VR=0, f=1.0MHz)
---
2.0
---
pF
trr
Reverse Recovery Time
(
IF=IR=10mA Irr=0.1*IR )
---
---
3
µs
(IF =50mA)
---
1.
10
V(BR)R
Reverse Breakdown Voltage
85
---
---
V
(IR=
100µA)
---
---
5.0
nA
Reverse
Leakage Current
(VR=
75V,)
(VR=
75V, Tj=150°C)
---
---
80
(IF =150mA)
---
1.
25
---
---
---
---
A
B
H
D
E
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.
037
.
042
0.95
1.075
B
.
019
.
021
0.47
0.53
C
.
022
.
027
0.55
0.675
D
.018
.
022
0.45
0.55
E
.
008
.
012
0.20
0.30
F
.
016(Typ.)
0.40(Typ.)
H
.000
.0
02
0.00
0.05
C
Cathode Band
SUGGESTED SOLDER
PAD LAYOUT
Unit:mm
0.70
1.10
0.40
0.30


Similar Part No. - BAS116L2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS116L ONSEMI-BAS116L Datasheet
83Kb / 4P
Switching Diode
October, 2016 ??Rev. 12
logo
Nexperia B.V. All right...
BAS116L NEXPERIA-BAS116L Datasheet
679Kb / 12P
Low-leakage diode
logo
Diodes Incorporated
BAS116LP3 DIODES-BAS116LP3 Datasheet
100Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 5
BAS116LP3-7 DIODES-BAS116LP3-7 Datasheet
100Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 5
BAS116LP3 DIODES-BAS116LP3_15 Datasheet
180Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 6
More results

Similar Description - BAS116L2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
Zener Diode, 300mW 짹5% Tolerance
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
Micro Commercial Compon...
1SS244 MCC-1SS244 Datasheet
461Kb / 3P
300mW Switching Diode 250 Volts
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7_10 Datasheet
332Kb / 4P
300mW, Dual SMD Zener Diode
logo
Rohm
RLZTE-1162B ROHM-RLZTE-1162B Datasheet
820Kb / 4P
300mW Zener Leadless Diode
logo
Taiwan Semiconductor Co...
1S133M TSC-1S133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4_V01 Datasheet
1Mb / 3P
300mW Surface Mount Zener Diode
Revision:20211201-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com