Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1127V Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG59H1127V
Description  A 12 V, 15 m廓, 4 A Integrated Power Switch with VIN Lockout Select and Power Good Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1127V Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG59H1127V Datasheet HTML 17Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 18Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 19Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 20Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 21Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 22Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 23Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 24Page - Dialog Semiconductor SLG59H1127V Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
000-0059H1127-100
Page 21 of 30
SLG59H1127V
Typical Power Good Waveform
Figure 15. Typical FAULT de-assertion waveform for VIN = 12 V, CLOAD = 10 μF, IACL = 1 A,
RSET = 95.3 kΩ, switch out 10 Ω load
Figure 16. Typical Power Good operation waveform for VIN = 12 V, CLOAD = 10 μF, no RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com