Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8920BTH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8920BTH
Description  2 X 100 W class-D power amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920BTH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8920BTH Datasheet HTML 5Page - NXP Semiconductors TDA8920BTH Datasheet HTML 6Page - NXP Semiconductors TDA8920BTH Datasheet HTML 7Page - NXP Semiconductors TDA8920BTH Datasheet HTML 8Page - NXP Semiconductors TDA8920BTH Datasheet HTML 9Page - NXP Semiconductors TDA8920BTH Datasheet HTML 10Page - NXP Semiconductors TDA8920BTH Datasheet HTML 11Page - NXP Semiconductors TDA8920BTH Datasheet HTML 12Page - NXP Semiconductors TDA8920BTH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9397 750 13356
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
9 of 34
Philips Semiconductors
TDA8920B
2
× 100 W class-D power amplifier
In case of an impedance drop (e.g. due to dynamic behavior of the loudspeaker) the same
protection will be activated; the maximum output current is again limited to 8 A, but the
amplifier will NOT switch-off completely (thus preventing audio holes from occurring).
Result will be a clipping output signal without any artefacts.
See also Section 13.6 for more information on this maximum output current limiting
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com