Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS7000B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TDS7000B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7000B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TDS7000B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS7000B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B 11
Digital Phosphor Oscilloscopes
TDS7000B Series
Ordering Information
TDS7054
500 MHz Digital Phosphor Oscilloscope.
TDS7104
1 GHz Digital Phosphor Oscilloscope.
TDS7104 and TDS7054 include: (4) P6139A
500 MHz, 10x Passive Probes, accessory pouch,
front cover, mouse, probe calibration and deskew
fixture (067-0405-xx), quick reference kit
(020-2404-xx), user manual (071-1035-xx),
TDS7000 Series product software CD-ROM,
TDS7000 Series operating system restoration
CD-ROM, TDS7000 Series optional applications
software CD-ROM, performance verification procedure
PDF file, GPIB programmer’s reference (on product
software CD-ROM), calibration certificate docu-
menting NIST traceability, 2 540-1 compliance and
ISO9000, power cord, one year warranty.
TDS7154B
1.5 GHz Digital Phosphor Oscilloscope.
TDS7254B
2.5 GHz Digital Phosphor Oscilloscope.
TDS7404B
4 GHz Digital Phosphor Oscilloscope.
TDS7704B
7 GHz Digital Phosphor Oscilloscope.
TDS7154B, TDS7254B, TDS7404B, and
TDS7704B Include: Accessory pouch, front cover,
mouse, user manual (071-1226-xx), quick
reference kit (020-2519-xx), TDS7000B Series
product software CD-ROM 063-3632-00
(TDS7154/7254/7404B) 063-3633-00
(TDS7704B), TDS7000B Series operating system
restoration CD-ROM, TDS7000B Series optional
applications software CD-ROM, performance
verification procedure PDF file, GPIB programmer’s
reference (on product software CD-ROM),
calibration certificate documenting NIST traceability,
2 540-1 compliance and ISO9000, power cord,
one year warranty.
For TDS7154B and TDS7254B Only, Also Includes:
(4) TekConnect® to BNC adapters (TCA-BNC),
(2) TekConnect high-impedance buffer amplifiers
(TCA-1MEG), and deskew fixture (067-0405-xx).
For TDS7404B and TDS7704B Only, Also Includes:
(4) TekConnect to SMA adapters (TCA-SMA).
For TDS7404B Only, Also Includes:
Deskew fixture (067-0405-xx).
TDS7704B Only, Also Includes:
Deskew fixture (067-0484-xx).
Please specify disk drive and power cord option
when ordering.
Instrument Options
Power Plug Options
Opt. A0 – North America power.
Opt. A1 – Universal EURO power.
Opt. A2 – United Kingdom power.
Opt. A3 – Australia power.
Opt. A5 – Switzerland power.
Opt. A6 – Japan power.
Opt. A99 – No power cord or AC adapter.
Opt. A10 – China power.
Mounting Options
1K – K4000 Oscilloscope Cart.
1R – Rackmount Kit.
Disk Drive Options
(for TDS7154B,
TDS7254B, TDS7404B,
and TDS7704B only)
Opt. FHD– Front-panel 40 GB removable hard
disk drive, replaces floppy disk drive that goes
on the rear panel.
Service Options
Opt. C3 – Calibration Service 3 Years.
Opt. C5 – Calibration Service 5 Years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 Years
(with Option C3).
Opt. D5 – Calibration Data Report 5 Years
(with Option C5).
Opt. R3 – Repair Service 3 Years.
Opt. R5 – Repair Service 5 Years.
Recommended
Accessories
Probes
P7350 – 5 GHz Differential Probe recommended
for TDS7404B/TDS7704B.
P7350SMA – 5 GHz SMA input Differential Probe
P7260 – 6 GHz Active Probe recommended
for TDS7404B/TDS7704B.
P6158 – 3 GHz, 20x Low C Probe.
P6247 – 1.0 GHz Differential Probe.
P6139A – 500 MHz, 10x Passive Probe.
P6245 – 1.5 GHz Active Probe.
P6248 – 1.7 GHz Differential Probe.
P7240 – 4 GHz Active Probe.
P7330 – 3.5 GHz Differential Probe.
Adapters
TCA-1MEG – TekConnect® High-impedance
Buffer Amplifier.
TCA-SMA – TekConnect-to-SMA Adapter.
TCA-N – TekConnect-to-N Adapter.
TCA-BNC – TekConnect-to-BNC Adapter.
TCA75 – 4 GHz Precision TekConnect 75
Ω to
50
Ω Adapter with 75 Ω BNC Input Connector.
AFTDS – Telecom Differential Electrical Interface
Adapter (for line rates <8 MB/s; requires
TCA-BNC adapter for TDS7404B).
Cables
GPIB Cable (1 m) – Order 012-0991-01.
GPIB Cable (2 m) – Order 012-0991-00.
RS-232 Cable – Order 012-1298-00.
Centronics Cable – Order 012-1214-00.
Test Fixtures
TDSUSBF – TDSUSB test fixture for use
with Opt. USB.
Software
WSTRO – WaveStarTM waveform capture
and documentation software.
Miscellaneous
Keyboard (USB interface) – Order 119-6633-00.
Service Manual –
TDS7054/TDS7104:
Order 071-0711-xx.
TDS7154B/TDS7254B/TDS7404B/TDS7704B:
Order 071-0898-xx.
Transit Case – Order 016-1522-00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com