Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8920BJ Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8920BJ
Description  2 X 100 W class-D power amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920BJ Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8920BJ Datasheet HTML 9Page - NXP Semiconductors TDA8920BJ Datasheet HTML 10Page - NXP Semiconductors TDA8920BJ Datasheet HTML 11Page - NXP Semiconductors TDA8920BJ Datasheet HTML 12Page - NXP Semiconductors TDA8920BJ Datasheet HTML 13Page - NXP Semiconductors TDA8920BJ Datasheet HTML 14Page - NXP Semiconductors TDA8920BJ Datasheet HTML 15Page - NXP Semiconductors TDA8920BJ Datasheet HTML 16Page - NXP Semiconductors TDA8920BJ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
9397 750 13356
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
13 of 34
Philips Semiconductors
TDA8920B
2
× 100 W class-D power amplifier
[1]
The circuit is DC adjusted at VP = ±12.5 V to ±30 V.
[2]
With respect to SGND (0 V).
[3]
The transition between Standby and Mute mode contain hysteresis, while the slope of the transition between Mute and Operating mode
is determined by the time-constant on the MODE pin; see Figure 7.
[4]
DC output offset voltage is applied to the output during the transition between Mute and Operating mode in a gradual way. The slope of
the dV/dt caused by any DC output offset is determined by the time-constant on the MODE pin.
12. Dynamic characteristics
12.1 Switching characteristics
Temperature protection
Tprot
temperature protection activation
-
150
-
°C
Thys
hysteresis on temperature protection
-
20
-
°C
Table 7:
Static characteristics …continued
VP = ±27 V; fosc = 317 kHz; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 7.
Behavior of mode selection pin MODE.
STBY
MUTE
ON
5.5
coa021
VMODE (V)
4.2
3.0
2.2
0.8
0
VO (V)
Voo (mute)
Voo (on)
slope is directly related to
time-constant on the MODE pin
Table 8:
Switching characteristics
VDD = ±27 V; Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Internal oscillator
fosc
typical internal oscillator frequency
ROSC = 30.0 kΩ
290
317
344
kHz
fosc(int)
internal oscillator frequency range
210
-
600
kHz
External oscillator or frequency tracking
VOSC
high-level voltage on pin OSC
SGND + 4.5
SGND + 5
SGND + 6
V
VOSC(trip)
trip level for tracking on pin OSC
-
SGND + 2.5
-
V
ftrack
frequency range for tracking
210
-
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com