Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2004SWT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBD2004SWT
Description  250mW 300Volt Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD2004SWT Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBD2004SWT Datasheet HTML 1Page - Micro Commercial Components MMBD2004SWT Datasheet HTML 2Page - Micro Commercial Components MMBD2004SWT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD2004SWT
MCC
www.mccsemi.com
TM
Micro Commercial Components
2 of 3
Revision: D
2013/09/24
0
25
50
75
100
125
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
1000
04
8
12
16
20
0.1
1
Forward Characteristics
Reverse Characteristics
Power Derating Curve
AMBIENT TEMPERATURE T
j
( )
200
250
Typical Characteristics
FORWARD VOLTAGE
V
F
(V)
T
a=100
T
a=25
REVERSE VOLTAGE V
R
(V)
5
T
a=25
f=1MHz
Capacitance Characteristics Per Diode
REVERSE VOLTAGE V
R
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com